Electronic Components Datasheet Search
  English  ▼

X  

2921 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 2921
Description  Manually operated 2-way globe control valve
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2921 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 2921 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Type 2961
12 | 17
Visit product website 
5.
Performance specifications
5.1. Fluidic data
Flow characteristics
• Flow characteristic according to DIN EN 60534 - 2 - 4
• K
VR value at 5 % of stroke for DN > 10 mm
K
VR value at 10 % of stroke for DN ≤ 10 mm
• K
VR value = smallest KV value, at which the tilt tolerance according to DIN EN 60534 - 2 - 4 is still maintained.
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
80
90 100
Stroke [%]
Equal percentage flow curve - detailed values please see below
Overview of fluidic data for flow below seat (for liquids, steam and gases)
Note:
• K
V value [m
3
/h]: measurement with water according to DIN EN 60534 - 2 - 4
• Seat leakage according to DIN EN 60534 - 4
• Bürkert product filter(see “7.2. Bürkert product filter” on page 17)
• Info: Rules for decimal places implemented according to works standard
Nominal
diameter
(pipe)
Seat
size
Hand-
wheel
dia-
meter
Ø
Operating pressure
max. CF A
(Seat leakage class)
Theo-
retical
range-
ability
K
V value at stroke [m
3
/h]
K
VS
value
Seat seal
Stain-
less
steel
PTFE PEEK
DN NPS
[mm]
[bar(g)]
5 %
10 % 20 % 30 % 40 % 50 % 60 % 70 % 80 % 90 % 100 % [m3/h]
10
¾ 1.)
3
45 (S)
25 (II) –
–
10:1
–
0.005 0.009 0.013 0.019 0.026 0.034 0.044 0.060 0.077 0.098
0.1
3
45 (S)
25 (II)
20:1
–
0.009 0.015 0.023 0.033 0.046 0.063 0.085 0.11
0.16
0.22
0.2
4
45 (S)
25 (II)
30:1
–
0.023 0.033 0.049 0.070 0.097 0.14
0.18
0.26
0.35
0.49
0.5
6
45 (S)
25 (II) 25 (VI) 25 (VI) 50:1
0.005 0.007 0.011 0.045 0.085 0.16
0.26
0.41
0.65
1.1
1.25
1.25
8
45 (S)
25 (II) 25 (VI) 25 (VI)
0.060 0.070 0.090 0.12
0.18
0.26
0.42
0.61
0.92
1.5
2.0
2.0
10
45 (S)
25 (II) 25 (VI) 25 (VI)
0.090 0.11
0.13
0.19
0.30
0.48
0.73
1.0
1.6
2.3
2.7
2.7
15
½2.)
3
45 (S)
25 (II) –
–
10:1
–
0.005 0.009 0.013 0.019 0.026 0.034 0.044 0.060 0.077 0.098
0.1
3
45 (S)
25 (II)
20:1
–
0.009 0.015 0.023 0.033 0.046 0.063 0.085 0.11
0.16
0.22
0.2
4
45 (S)
25 (II)
30:1
–
0.023 0.033 0.049 0.070 0.097 0.14
0.18
0.26
0.35
0.49
0.5
6
45 (S)
25 (II) 25 (VI) 25 (VI) 50:1
0.005 0.007 0.011 0.045 0.085 0.16
0.26
0.41
0.65
1.1
1.25
1.25
8
45 (S)
25 (II) 25 (VI) 25 (VI)
0.070 0.080 0.11
0.13
0.19
0.27
0.43
0.63
0.95
1.6
2.1
2.1
10
45 (S)
25 (II) 25 (VI) 25 (VI)
0.090 0.11
0.15
0.19
0.31
0.49
0.75
1.1
1.7
2.5
3.1
3.1
15
45 (S)
25 (II) 25 (VI) 25 (VI)
0.14
0.17
0.22
0.35
0.52
0.80
1.2
1.8
2.7
3.7
4.3
4.3
20
¾2.)
10
45 (S)
25 (II) 25 (VI) 25 (VI) 50:1
0.10
0.12
0.15
0.19
0.30
0.46
0.67
1.0
1.5
2.1
2.8
2.8
15
45 (S)
25 (II) 25 (VI) 25 (VI)
0.13
0.17
0.21
0.32
0.48
0.71
1.0
1.5
2.3
3.4
4.4
4.4
20
45 (S)
25 (II) 25 (VI) 25 (VI)
0.19
0.24
0.29
0.42
0.64
0.97
1.4
2.0
2.9
4.2
5.9
5.9
1.) Deviation for port connections according to ASME BPE: the next largest Nominal diameter (port connection) is used, e.g. NPS 1 instead of NPS ¾.
2.) According to the Pressure Equipment Directive 97/23/EC for compressible fluids of Group 1 (hazardous gases and vapours according to Article 3 No. 1.3 letter a first dash)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com