Electronic Components Datasheet Search
  English  ▼

X  

2921 Datasheet(PDF) 15 Page - Christian Bürkert GmbH & Co. KG

Part # 2921
Description  Manually operated 2-way globe control valve
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2921 Datasheet(HTML) 15 Page - Christian Bürkert GmbH & Co. KG

Back Button 2921 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Type 2961
15 | 17
Visit product website 
Operating limits for seat seal
Tight sealing required
Leakage class
(DIN EN 60534 - 4)
Medium temperature
Seat seal
No
An additional shut-off valve is
recommended
III/IV (metal seals)
Metal-sealed valves have larger
leakages (0.1 % or 0.01 % of
the nominal flow rate are
permissible).
Metallic seals are impervious
even under demanding process
conditions.
- 40…+ 230 °C
Stainless steel
Yes
An additional shut-off valve is
often unnecessary.
VI (soft seals)
By using plastics as sealing
material, the control valves can
close tightly.
Their use is not recommended in
cases of increased erosion
due to demanding process
conditions.
- 40…+ 130 °C
(recommended for ≤ + 130 °C)
PTFE
- 10…+ 230 °C
(recommended for > + 130 °C)
PEEK
Operating limits for optional versions
High-temperature version
Thanks to an adaption of the spindle seal, this version is suitable for applications with steam, neutral gases and other heat transfer
mediums up to + 230 °C.
Water version
For applications with water up to + 200 °C, a special configuration of the spindle seal increases service life significantly. It is recommended
for water temperatures starting at + 85 °C.
Drinking water version
Wetted materials are tested in contact with the medium are tested for suitability with drinking water up to + 85 °C.
Low-temperature version
Suitable for minimum medium temperatures down to - 40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com