Electronic Components Datasheet Search
  English  ▼

X  

2921 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 2921
Description  Manually operated 2-way globe control valve
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2921 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 2921 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Type 2961
11 | 17
Visit product website 
4.5. Body with clamp connection
Note:
Dimensions in mm
LC
Nominal diameter
(port connection)
DIN 32676 A (Rohr: DIN 11850 - 2)
DIN 32676 B (Rohr: ISO 4200)
DN
LC
Ø D2 C
Ø D1 C
SC
LC
Ø D2 C
Ø D1 C
SC
15
126
19
34
1.5
146
21.3
50.5
1.6
20
136
23
34
1.5
136
26.9
50.5
1.6
25
173
29
50.5
1.5
164
33.7
50.5
2.0
40
193
41
50.5
1.5
193
48.3
64.0
2.0
50
218
53
64
1.5
218
60.3
77.5
2.0
Nominal diameter
(port connection)
ASME BPE
NPS
LC
Ø D2 C
Ø D1 C
SC
½
122
12.7
25.0
1.65
¾
126
19.05
25.0
1.65
1
126
25.4
50.5
1.65
1½
172
38.1
50.5
1.65
2
182
50.8
64.0
1.65
2½
231
63.5
77.5
1.65
3
265
76.2
91.0
1.65
4
315
101.6
119.0
2.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com