Electronic Components Datasheet Search
  English  ▼

X  

TMD26213M Datasheet(PDF) 11 Page - OSRAM GmbH

Part # TMD26213M
Description  Proximity Sensor Module for Behind OLED Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26213M Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button TMD26213M Datasheet HTML 7Page - OSRAM GmbH TMD26213M Datasheet HTML 8Page - OSRAM GmbH TMD26213M Datasheet HTML 9Page - OSRAM GmbH TMD26213M Datasheet HTML 10Page - OSRAM GmbH TMD26213M Datasheet HTML 11Page - OSRAM GmbH TMD26213M Datasheet HTML 12Page - OSRAM GmbH TMD26213M Datasheet HTML 13Page - OSRAM GmbH TMD26213M Datasheet HTML 14Page - OSRAM GmbH TMD26213M Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
Page 10
Datasheet, Public
Document Feedback
[v4-00] 2023-Apr-12
TMD2621 − Detailed Description
I²C Protocol
The device uses I²C serial communication protocol for
communication. The device supports 7-bit chip addressing and
both standard and fast clock frequency modes. Read and write
transactions comply with the standard set by Philips (now NXP).
Internal to the device, an 8-bit buffer stores the register address
location of the desired byte to read or write. This buffer
auto-increments upon each byte transfer and is retained
between transaction events (i.e. valid even after the master
issues a STOP command and the I²C bus is released). During
consecutive Read transactions, the future/repeated I²C Read
transaction may omit the memory address byte normally
following the chip address byte; the buffer retains the last
register address + 1.
I²C Write Transaction
A Write transaction consists of a START, CHIP-ADDRESSWRITE,
REGISTER-ADDRESS, DATA BYTE(S), and STOP. Following each
byte (9TH clock pulse) the slave places an ACKNOWLEDGE/
NOT-ACKNOWLEDGE (ACK/NACK) on the bus. If NACK is
transmitted by the slave, the master may issue a STOP.
I²C Read Transaction
A Read transaction consists of a START, CHIP-ADDRESSWRITE,
REGISTER-ADDRESS, START, CHIP-ADDRESSREAD, DATA BYTE(S),
and STOP. Following all but the final byte the master places an
ACK on the bus (9TH clock pulse). Termination of the Read
transaction is indicated by a NACK being placed on the bus by
the master, followed by STOP.
Alternately, if the previous I²C transaction was a Read, the
internal register address buffer is still valid, allowing the
transaction to proceed without “re”-specifying the register
address. In this case the transaction consists of a START,
CHIP-ADDRESSREAD, DATA BYTE(S), and STOP. Following all but
the final byte the master places an ACK on the bus (9TH clock
pulse). Termination of the Read transaction is indicated by a
NACK being placed on the bus by the master, followed by STOP.
The I²C bus protocol was developed by Philips (now NXP). For
a complete description of the I²C protocol, please review the
NXP I²C design specification at:
https://www.i2c-bus.org/references/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com