Electronic Components Datasheet Search
  English  ▼

X  

TMD26213M Datasheet(PDF) 4 Page - OSRAM GmbH

Part # TMD26213M
Description  Proximity Sensor Module for Behind OLED Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26213M Datasheet(HTML) 4 Page - OSRAM GmbH

  TMD26213M Datasheet HTML 1Page - OSRAM GmbH TMD26213M Datasheet HTML 2Page - OSRAM GmbH TMD26213M Datasheet HTML 3Page - OSRAM GmbH TMD26213M Datasheet HTML 4Page - OSRAM GmbH TMD26213M Datasheet HTML 5Page - OSRAM GmbH TMD26213M Datasheet HTML 6Page - OSRAM GmbH TMD26213M Datasheet HTML 7Page - OSRAM GmbH TMD26213M Datasheet HTML 8Page - OSRAM GmbH TMD26213M Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
Datasheet, Public
Page 3
[v4-00] 2023-Apr-12
Document Feedback
TMD2621 − Pin Assignments
Figure 3:
Pin Diagram
Figure 4:
Pin Description of TMD2621
PIN Number
Pin Name
Description
If Not Use
1
SDA
I²C serial data I/O terminal.
Mandatory
2
SCL
I²C serial clock input terminal.
Mandatory
3
VSS
Ground. All voltages are referenced to VSS.
Mandatory
4
VDD18
Supply voltage for sensor (1.8V).
Mandatory
5
VDD3
Supply voltage for IR emitter (3.0/3.3V).
Connect to VDD18
6
INT
Interrupt. Open drain output (active low).
Connect to GND
7
XRES
Hardware reset input. Need to enable in the register.
Connect to GND
8
VSYNC
VSYNC input.
Connect to GND
Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com