Electronic Components Datasheet Search
  English  ▼

X  

TMD26213M Datasheet(PDF) 25 Page - OSRAM GmbH

Part # TMD26213M
Description  Proximity Sensor Module for Behind OLED Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26213M Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button TMD26213M Datasheet HTML 21Page - OSRAM GmbH TMD26213M Datasheet HTML 22Page - OSRAM GmbH TMD26213M Datasheet HTML 23Page - OSRAM GmbH TMD26213M Datasheet HTML 24Page - OSRAM GmbH TMD26213M Datasheet HTML 25Page - OSRAM GmbH TMD26213M Datasheet HTML 26Page - OSRAM GmbH TMD26213M Datasheet HTML 27Page - OSRAM GmbH TMD26213M Datasheet HTML 28Page - OSRAM GmbH TMD26213M Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
Page 24
Datasheet, Public
Document Feedback
[v4-00] 2023-Apr-12
TMD2621 − Register O ver view
LDR0_CFG Register (Address 0x9A)
Figure 35:
LDR0_CFG Register
EYE_SAFETY_CFG Register (Address 0x9E)
Figure 36:
EYE_SAFETY_CFG Register
Addr: 0x9A
LDR0_CFG
Bit
Bit Name
Default
Access
Bit Description
7
Reserved
0
RW
Reserved. Must be set to default value.
6EN_LDR_0
1
RW
Enables the LDR0.
5:4
ISINK_LSB
01
RW
This field sets VCSEL drive current resolution.
Value
VCSEL Drive Current Resolution
00
0.5mA
01
1.0mA
10
1.5mA
11
2.0mA
3:0
PLDRIVE0
0010
RW
This field sets the drive current of the VCSEL driver 0.
The formula is shown below:
Drive Current 0=(PLDRIVE0+1) x ISINK_LSB.
The drive current should be configured within the range
of 7mA ~10mA.
The values are the nominal current. The actual current
through the VCSEL is factory trimmed to normalize the IR
intensity.
Addr: 0x9E
EYE_SAFETY_CFG
Bit
Bit Name
Default
Access
Bit Description
7
EYE_SAFETY_CHKS_ENAB
0
RW
Enables VDD and VSS short check for
PLDRIVE0, and also the analog watch dog
timer.
Eye safety runs only once at the beginning
when PON and PEN are enabled.
6
DISABLE_PROX_ON_WD_FAIL
1
RW
Disable the high side switch when the eye
safety watch dog expires.
5:0
Reserved
0
RW
Reserved. Must be set to default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com