Electronic Components Datasheet Search
  English  ▼

X  

TMD26213M Datasheet(PDF) 24 Page - OSRAM GmbH

Part # TMD26213M
Description  Proximity Sensor Module for Behind OLED Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26213M Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button TMD26213M Datasheet HTML 20Page - OSRAM GmbH TMD26213M Datasheet HTML 21Page - OSRAM GmbH TMD26213M Datasheet HTML 22Page - OSRAM GmbH TMD26213M Datasheet HTML 23Page - OSRAM GmbH TMD26213M Datasheet HTML 24Page - OSRAM GmbH TMD26213M Datasheet HTML 25Page - OSRAM GmbH TMD26213M Datasheet HTML 26Page - OSRAM GmbH TMD26213M Datasheet HTML 27Page - OSRAM GmbH TMD26213M Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
Datasheet, Public
Page 23
[v4-00] 2023-Apr-12
Document Feedback
TMD2621 − Register Overview
ID Register (Address 0x92)
Figure 32:
ID Register
REVID2 Register (Address 0x93)
Figure 33:
REVID2 Register
CFG1 Register (Address 0x94)
Figure 34:
CFG1 Register
Addr: 0x92
ID
Bit
Bit Name
Default
Access
Bit Description
7:0
ID
0x82
R
Device identification
Addr: 0x93
REVID2
Bit
Bit Name
Default
Access
Bit Description
7:4
Reserved
0000
R
Reserved. Must be set to default value.
3:0
AUX_ID
1101
R
Auxiliary ID
Addr: 0x94
CFG1
Bit
Bit Name
Default
Access
Bit Description
7:4
Reserved
0000
RW
Reserved. Must be set to default value.
3:1
PD_MUX_SEL
000
RW
This field sets photodiode connection to proximity engine.
000b: The photodiode PROX0 is connected to the proximity
engine.
010b: Both photodiodes PROX0 and PROX1 are connected to the
proximity engine.
All other PD_MUX_SEL values are reserved and should not use.
0
ENAB_TEMP_
SENSOR
0RW
This field activates temperature sensor.
Set PEN =TEN =ENAB_TEMP_SENSOR =1 to enable temperature
measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com