Electronic Components Datasheet Search
  English  ▼

X  

TMD3725 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # TMD3725
Description  ALS, Color and Proximity Sensor Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3725 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button TMD3725 Datasheet HTML 6Page - OSRAM GmbH TMD3725 Datasheet HTML 7Page - OSRAM GmbH TMD3725 Datasheet HTML 8Page - OSRAM GmbH TMD3725 Datasheet HTML 9Page - OSRAM GmbH TMD3725 Datasheet HTML 10Page - OSRAM GmbH TMD3725 Datasheet HTML 11Page - OSRAM GmbH TMD3725 Datasheet HTML 12Page - OSRAM GmbH TMD3725 Datasheet HTML 13Page - OSRAM GmbH TMD3725 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Datasheet, Public
Page 9
[v2-00] 2023-Mar-21
Document Feedback
TMD3725 − Typical Operating Characteristics
Figure 11:
CRGB Optical Characteristics, VDD = 1.8V, TA = 25°C (unless otherwise noted)
Note(s):
1. Not production tested.
Figure 12:
Spectral Responsivity
Parameter
Conditions
Red/Clear
Green/Clear
Blue/Clear
Min
Max
Min
Max
Min
Max
Color ADC count value ratio:
color/clear
λD = 465nm
0%
20%
0% (1)
55%
80%
100%
λD = 525nm
0%
30% (1)
65%
90%
0%
50% (1)
λD = 615nm
80%
110%
0% (1)
20%
0%
20%
White LED, 2700K
50%
70%
24%
45%
10%
35%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com