Electronic Components Datasheet Search
  English  ▼

X  

TMD3725 Datasheet(PDF) 47 Page - OSRAM GmbH

Part # TMD3725
Description  ALS, Color and Proximity Sensor Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3725 Datasheet(HTML) 47 Page - OSRAM GmbH

Back Button TMD3725 Datasheet HTML 43Page - OSRAM GmbH TMD3725 Datasheet HTML 44Page - OSRAM GmbH TMD3725 Datasheet HTML 45Page - OSRAM GmbH TMD3725 Datasheet HTML 46Page - OSRAM GmbH TMD3725 Datasheet HTML 47Page - OSRAM GmbH TMD3725 Datasheet HTML 48Page - OSRAM GmbH TMD3725 Datasheet HTML 49Page - OSRAM GmbH TMD3725 Datasheet HTML 50Page - OSRAM GmbH TMD3725 Datasheet HTML 51Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
Page 46
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-21
TMD3725 − Soldering & Storage Information
The module has been tested and has demonstrated an ability
to be reflow soldered to a PCB substrate. The solder reflow
profile describes the expected maximum heat exposure of
components during the solder reflow process of product on a
PCB. Temperature is measured on top of component. The
components should be limited to a maximum of three passes
through this solder reflow profile.
Figure 63:
Solder Reflow Profile
Note(s):
1. Tolerance for peak profile temperature (TP) is defined as a supplier minimum and a user maximum.
Profile Feature
Preheat/ Soak
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Temperature Min (Tsmin)
100°C
150°C
Temperature Max (Tsmax)
150°C
200°C
Time (ts) from (Tsmin to Tsmax)
60-120 seconds
60-120 seconds
Ramp-up rate (TL to TP)
3°C/second max.
3°C/second max.
Liquidous temperature (TL)
Time (tL) maintained above TL
183°C
60-150 seconds
217°C
60-150 seconds
Peak package body temperature (TP)
For users TP must not exceed the
Classification temp of 235°C
For suppliers TP must equal or
exceed the Classification temp
of 235°C
For users TP must not exceed the
Classification temp of 260°C
For suppliers TP must equal or
exceed the Classification temp of
260°C
Time (tP)
(1) within 5°C of the
specified classification temperature
(Tc)
20 (1)seconds
30 (1)seconds
Ramp-down rate (TP to TL)
6°C/second max.
6°C/second max.
Time 25°C to peak temperature
6 minutes max.
8 minutes max.
Soldering & Storage
Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com