Electronic Components Datasheet Search
  English  ▼

X  

TMD3725 Datasheet(PDF) 51 Page - OSRAM GmbH

Part # TMD3725
Description  ALS, Color and Proximity Sensor Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3725 Datasheet(HTML) 51 Page - OSRAM GmbH

Back Button TMD3725 Datasheet HTML 47Page - OSRAM GmbH TMD3725 Datasheet HTML 48Page - OSRAM GmbH TMD3725 Datasheet HTML 49Page - OSRAM GmbH TMD3725 Datasheet HTML 50Page - OSRAM GmbH TMD3725 Datasheet HTML 51Page - OSRAM GmbH TMD3725 Datasheet HTML 52Page - OSRAM GmbH TMD3725 Datasheet HTML 53Page - OSRAM GmbH TMD3725 Datasheet HTML 54Page - OSRAM GmbH TMD3725 Datasheet HTML 55Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
Page 50
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-21
TMD3725 − RoHS Compliant & ams Green Statement
RoHS: The term RoHS compliant means that ams-OSRAM AG
products fully comply with current RoHS directives. Our
semiconductor products do not contain any chemicals for all 6
substance categories plus additional 4 substance categories
(per amendment EU 2015/863), including the requirement that
lead not exceed 0.1% by weight in homogeneous materials.
Where designed to be soldered at high temperatures, RoHS
compliant products are suitable for use in specified lead-free
processes.
ams Green (RoHS compliant and no Sb/Br/Cl): ams Green
defines that in addition to RoHS compliance, our products are
free of Bromine (Br) and Antimony (Sb) based flame retardants
(Br or Sb do not exceed 0.1% by weight in homogeneous
material) and do not contain Chlorine (Cl not exceed 0.1% by
weight in homogeneous material).
Important Information: The information provided in this
statement represents ams-OSRAM AG knowledge and belief as
of the date that it is provided. ams-OSRAM AG bases its
knowledge and belief on information provided by third parties,
and makes no representation or warranty as to the accuracy of
such information. Efforts are underway to better integrate
information from third parties. ams-OSRAM AG has taken and
continues to take reasonable steps to provide representative
and accurate information but may not have conducted
destructive testing or chemical analysis on incoming materials
and chemicals. ams-OSRAM AG and ams-OSRAM AG suppliers
consider certain information to be proprietary, and thus CAS
numbers and other limited information may not be available
for release.
RoHS Compliant & ams Green
Statement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com