Electronic Components Datasheet Search
  English  ▼

X  

TMD3725 Datasheet(PDF) 48 Page - OSRAM GmbH

Part # TMD3725
Description  ALS, Color and Proximity Sensor Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3725 Datasheet(HTML) 48 Page - OSRAM GmbH

Back Button TMD3725 Datasheet HTML 44Page - OSRAM GmbH TMD3725 Datasheet HTML 45Page - OSRAM GmbH TMD3725 Datasheet HTML 46Page - OSRAM GmbH TMD3725 Datasheet HTML 47Page - OSRAM GmbH TMD3725 Datasheet HTML 48Page - OSRAM GmbH TMD3725 Datasheet HTML 49Page - OSRAM GmbH TMD3725 Datasheet HTML 50Page - OSRAM GmbH TMD3725 Datasheet HTML 51Page - OSRAM GmbH TMD3725 Datasheet HTML 52Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
Datasheet, Public
Page 47
[v2-00] 2023-Mar-21
Document Feedback
TMD3725 − Soldering & Storage Information
Figure 64:
Solder Reflow Profile Graph
Storage Information
Moisture Sensitivity Optical characteristics of the device can be
adversely affected during the soldering process by the release
and vaporization of moisture that has been previously
absorbed into the package. To ensure the package contains the
smallest amount of absorbed moisture possible, each device is
baked prior to being dry packed for shipping. Devices are dry
packed in a sealed aluminized envelope called a
moisture-barrier bag with silica gel to protect them from
ambient moisture during shipping, handling, and storage
before use.
Not to Scale – For Reference Only
TP
Time (seconds)
tL
TL
TC - 5°C
tP
25
Tsmin
Tsmax
Preheat Area
Max Ramp Up Rate = 3°C/s
Max Ramp Down Rate = 6°C/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com