Electronic Components Datasheet Search
  English  ▼

X  

TMD37253 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # TMD37253
Description  ALS, Color and Proximity Sensor Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37253 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button TMD37253 Datasheet HTML 15Page - OSRAM GmbH TMD37253 Datasheet HTML 16Page - OSRAM GmbH TMD37253 Datasheet HTML 17Page - OSRAM GmbH TMD37253 Datasheet HTML 18Page - OSRAM GmbH TMD37253 Datasheet HTML 19Page - OSRAM GmbH TMD37253 Datasheet HTML 20Page - OSRAM GmbH TMD37253 Datasheet HTML 21Page - OSRAM GmbH TMD37253 Datasheet HTML 22Page - OSRAM GmbH TMD37253 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
Page 18
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-21
TMD3725 − Register Description
Note(s):
1. Address 0x98 and 0x99 will contain the results for the IR photodiode when controlled by the Green/IR MUX.
2. Register Access:
R = Read Only
W = Write Only
R/W = Read or Write
SC = Self Clearing after access
0x9C
PDATA
R
Proximity channel data
0x00
0x9E
REVID2
R
Auxiliary ID
0x00
0x9F
CFG2
R/W
Configuration register two
0x04
0xAB
CFG3
R/W
Configuration register three
0x0C
0xC0
POFFSETL
R/W
Proximity Offset Magnitude
0x00
0xC1
POFFSETH
R/W
Proximity Offset Sign
0x00
0xD6
AZ_CONFIG
R/W
Autozero configuration
0x7F
0xD7
CALIB
R/W
Calibration start
0x00
0xD9
CALIBCFG
R/W
Calibration configuration
0x50
0xDC
CALIBSTAT
R/W
Calibration status
0x00
0xDD
INTENAB
R/W
Interrupt enables
0x00
Address
Register Name
R/W
Register Function
Reset Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com