Electronic Components Datasheet Search
  English  ▼

X  

TMD37253 Datasheet(PDF) 33 Page - OSRAM GmbH

Part # TMD37253
Description  ALS, Color and Proximity Sensor Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37253 Datasheet(HTML) 33 Page - OSRAM GmbH

Back Button TMD37253 Datasheet HTML 29Page - OSRAM GmbH TMD37253 Datasheet HTML 30Page - OSRAM GmbH TMD37253 Datasheet HTML 31Page - OSRAM GmbH TMD37253 Datasheet HTML 32Page - OSRAM GmbH TMD37253 Datasheet HTML 33Page - OSRAM GmbH TMD37253 Datasheet HTML 34Page - OSRAM GmbH TMD37253 Datasheet HTML 35Page - OSRAM GmbH TMD37253 Datasheet HTML 36Page - OSRAM GmbH TMD37253 Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
Page 32
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-21
TMD3725 − Register Description
GDATAL Register (Address 0x98)
Figure 42:
GDATAL Register
GDATAL Register: This register also contains the IR result as set by the Green/IR MUX.
GDATAH Register (Address 0x99)
Figure 43:
GDATAH Register
GDATAH Register: This register also contains the IR result as set by the Green/IR MUX.
BDATAL Register (Address 0x9A)
Figure 44:
BDATAL Register
BDATAH Register (Address 0x9B)
Figure 45:
BDATAH Register
Addr: 0x98
GDATAL
Bit
Bit Name
Default
Access
Bit Description
7:0
GDATAL
0x00
RO
This register contains the low byte of the 16-bit
green channel data.
Addr: 0x99
GDATAH
Bit
Bit Name
Default
Access
Bit Description
7:0
GDATAH
0x00
RO
This register contains the high byte of the 16-bit
green channel data.
Addr: 0x9A
BDATAL
Bit
Bit Name
Default
Access
Bit Description
7:0
BDATAL
0x00
RO
This register contains the low byte of the 16-bit
blue channel data.
Addr: 0x9B
BDATAH
Bit
Bit Name
Default
Access
Bit Description
7:0
BDATAH
0x00
RO
This register contains the high byte of the 16-bit
blue channel data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com