Electronic Components Datasheet Search
  English  ▼

X  

TMD37253 Datasheet(PDF) 28 Page - OSRAM GmbH

Part # TMD37253
Description  ALS, Color and Proximity Sensor Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37253 Datasheet(HTML) 28 Page - OSRAM GmbH

Back Button TMD37253 Datasheet HTML 24Page - OSRAM GmbH TMD37253 Datasheet HTML 25Page - OSRAM GmbH TMD37253 Datasheet HTML 26Page - OSRAM GmbH TMD37253 Datasheet HTML 27Page - OSRAM GmbH TMD37253 Datasheet HTML 28Page - OSRAM GmbH TMD37253 Datasheet HTML 29Page - OSRAM GmbH TMD37253 Datasheet HTML 30Page - OSRAM GmbH TMD37253 Datasheet HTML 31Page - OSRAM GmbH TMD37253 Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
Datasheet, Public
Page 27
[v2-00] 2023-Mar-21
Document Feedback
TMD3725 − Register Description
PCFG0 Register (Address 0x8E)
Figure 32:
PCFG0 Register
The PPULSE_LEN field sets the width of all IR LED pulses within
the proximity cycle. Longer pulses result in increased proximity
range and typically result in less electrical noise generated in
the analog front end. However, a setting of 8μs is recommended
because less cumulative noise is generated during a proximity
cycle.
The PPULSE field sets the maximum number of IR LED pulses
that may occur in a proximity cycle. The proximity engine will
automatically continue to add IR LED pulses, up to the value set
in PPULSE or if a near-saturation condition occurs.
The dynamic range of the sensor is automatically adjusted to
detect distant targets as well as prevent saturation from close
targets.
This operation also reduces power consumption because
proximity integration period is automatically shortened when
a target is either to close or far from the sensor.
Addr: 0x8E
PCFG0
Bit
Bit Name
Default
Access
Bit Description
7:6
PPULSE_LEN
01
RW
Proximity pulse length
Value
Pulse Length
04μs
18μs
216μs
332μs
5:0
PPULSE
001111
RW
Maximum number of pulses in a single proximity cycle.
Value
Maximum Number of Pulses
01
12
23
……
63
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com