Electronic Components Datasheet Search
  English  ▼

X  

TMD37253 Datasheet(PDF) 24 Page - OSRAM GmbH

Part # TMD37253
Description  ALS, Color and Proximity Sensor Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37253 Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button TMD37253 Datasheet HTML 20Page - OSRAM GmbH TMD37253 Datasheet HTML 21Page - OSRAM GmbH TMD37253 Datasheet HTML 22Page - OSRAM GmbH TMD37253 Datasheet HTML 23Page - OSRAM GmbH TMD37253 Datasheet HTML 24Page - OSRAM GmbH TMD37253 Datasheet HTML 25Page - OSRAM GmbH TMD37253 Datasheet HTML 26Page - OSRAM GmbH TMD37253 Datasheet HTML 27Page - OSRAM GmbH TMD37253 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
Datasheet, Public
Page 23
[v2-00] 2023-Mar-21
Document Feedback
TMD3725 − Register Description
AIHTH Register (Address 0x87)
Figure 27:
AIHTH Register
The Clear (C) channel is compared against high-going 16-bit
threshold value set by AIHTL and AIHTH.
The contents of the AIHTH and AIHTL registers are combined
and treated as a sixteen bit threshold value. If the value
generated by the C channel is above the AIHTL/H threshold and
the APERS value is reached, the AINT bit is asserted. If AIEN is
set, then the INT pin will also assert.
When setting the 16-bit ALS threshold AIHTL must be written
first, immediately follow by AIHTH. Internally, the lower 8-bits
are buffered until the upper 8-bits are written. As the upper
8-bits are written both the high and low bytes are
simultaneously latched as a 16-bit value.
PILT Register (Address 0x88)
Figure 28:
PILT Register
The proximity channel is compared against low-going 8-bit
threshold value set by PILT.
If the value generated by the proximity channel is below the
PILT threshold and the PPERS value is reached, the PINT bit is
asserted. If PIEN is set, then the INT pin will also assert.
Addr: 0x87
AIHTH
Bit
Bit Name
Default
Access
Bit Description
7:0
AIHTH
0x00
RW
This register sets the high byte of the HIGH ALS
threshold.
Addr: 0x88
PILT
Bit
Bit Name
Default
Access
Bit Description
7:0
PILT
0x00
RW
This register sets the Proximity ADC channel low
threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com