Electronic Components Datasheet Search
  English  ▼

X  

AD5734R Datasheet(PDF) 15 Page - Analog Devices

Part # AD5734R
Description  Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5734R Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5734R Datasheet HTML 11Page - Analog Devices AD5734R Datasheet HTML 12Page - Analog Devices AD5734R Datasheet HTML 13Page - Analog Devices AD5734R Datasheet HTML 14Page - Analog Devices AD5734R Datasheet HTML 15Page - Analog Devices AD5734R Datasheet HTML 16Page - Analog Devices AD5734R Datasheet HTML 17Page - Analog Devices AD5734R Datasheet HTML 18Page - Analog Devices AD5734R Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD5726
Rev. 0 | Page 15 of 20
APPLICATIONS
POWER-UP SEQUENCE
To prevent CMOS latch-up conditions, powering AVDD, AVSS,
and GND prior to any reference voltages is recommended. The
ideal power-up sequence is GND, AVSS, AVDD, VREFP, VREFN, and
the digital inputs. Noncompliance with the power-up sequence
over an extended period can elevate the reference currents and
eventually damage the device. On the other hand, if the non-
compliant power-up sequence condition is as short as a few
milliseconds, the device can resume normal operation without
damage once AVDD/AVSS are powered up.
REFERENCE CONFIGURATION
Output voltage ranges can be configured as either unipolar or
bipolar, and within these choices, a wide variety of options
exists. The unipolar configuration can be either a positive (as
shown in Figure 23) or a negative voltage output. The bipolar
configuration can be either symmetrical (as shown in Figure 24)
or nonsymmetrical.
ADR01
+15V
INPUT
OUTPUT
TRIM
10kΩ
+10V OPERATION
+15V
AD5726
0.1µF║10µF
–15V
OP1177
AVDD
AVSS
VREFP
0.2µF
VREFN
+
Figure 23. Unipolar +10 V Operation
0.2µF
AD5726
+15V
+15V
–15V
AVDD
VREFP
VREFN
AVSS
BALANCE
100kΩ
GAIN
100kΩ
4
6
12
5
13
8
3
1
14
15
7
6.2Ω
0.2µF
6.2Ω
1µF
39kΩ
AD688 FOR ±10V
AD588 FOR ±5V
±5 OR ±10V OPERATION
0.1µF║10µF
Figure 24. Symmetrical Bipolar Operation
Figure 24 (symmetrical bipolar operation) shows the AD5726
configured for ±10 V operation. See the AD688 datasheet for a
full explanation of the reference operation.
Adjustments may not be necessary for many applications
because the AD688 is a very high accuracy reference. However,
if additional adjustments are required, adjust the AD5726 full-
scale first. Begin by loading the digital full-scale code (0xFFF).
Then, modify the gain adjust potentiometer to attain a DAC
output voltage of 9.9976 V. Next, alter the balance adjust to set
the midscale output voltage to 0.000 V.
The 0.2 μF bypass capacitors shown at their reference inputs in
Figure 24 should be used whenever ±10 V references are used.
Applications with single references or references to ±5 V may
not require the 0.2 μF bypassing. The 6.2 Ω resistor in series
with the output of the reference amplifier keeps the amplifier
from oscillating with the capacitive load. This has been found to
be large enough to stabilize this circuit. Larger resistor values
are acceptable if the drop across the resistor does not exceed a VBE.
Assuming a minimum VBE of 0.6 V and a maximum current of
2.75 mA, the resistor should be under 200 Ω for the loading of a
single AD5726.
Using two separate references is not recommended. Having two
references may cause different drifts with time and temperature,
whereas with a single reference, most drifts track.
Unipolar positive full-scale operation can usually be set by a
reference with the correct output voltage. This is preferable to
using a reference and dividing down to the required value. For a
10 V full-scale output, the circuit can be configured as shown in
Figure 25. In this configuration, the full-scale value is first set by
adjusting the 10 kΩ resistor for a full-scale output of 9.9976 V.
AD5726
0.2µF
0V TO –10V OPERATION
U2
+15V
–15V
–15V
U1
ADR01
TEMP
GND
+15V
+15V
OP1177
V+
V–
VOUT
VIN
TRIM
AVDD
VREFP
VREFN
AVSS
0.1µF║10µF
Figure 25. Unipolar −10 V Operation
Figure 25 shows the AD5726 configured for −10 V to 0 V opera-
tion. An ADR01 and OP1177 are configured to produce a −10 V
output that is connected directly to VREFP for the reference voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com