Electronic Components Datasheet Search
  English  ▼

X  

2852 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 2852
Description  2-way proportional valve with pressure relief
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2852 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 2852 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2852 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2852 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2852 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2852 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2852 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2852 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2852 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2852 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Type 2852
6 | 10
Visit product website 
5.2. Cartridge version
Note:
Dimensions in mm
15.9
4.1
6.7
15.4
B
C
300 (strand length)
B
18
C
20°
20°
6.8 ±0.04 min.4
15.5 ±0.04
18
+0.1
0
R1
Rmax 6.3
R5.5 +0.2
0
21.3 ±0.15
D
D
JST plug



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com