Electronic Components Datasheet Search
  English  ▼

X  

2852 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 2852
Description  2-way proportional valve with pressure relief
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2852 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 2852 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2852 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2852 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2852 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2852 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2852 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2852 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2852 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2852 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Type 2852
10 | 10
Visit product website 
8.5. Ordering chart
Standard version
Circuit function
Port connection
K
VS value
water 1.)
Nominal
pressure
Electrical
connection
Article no.
Article no.
[m³/h]
[bar]
012/DC
024/DC
CF A
2/2-way solenoid
proportional control valve
Direct-acting
Normally closed
2 (A)
1 (P)
Flange (FK16)
0.2
7
300 mm flying leads
20072813 
20072815 
JST connector
20076851 
20076852 
Cartridge (FC18)
0.2
7
300 mm flying leads
20059148 
20059147 
JST connector
20076847 
20076850 
1.) Measured with air, without back pressure
Further versions on request
Material
Seal material EPDM
Analytical
Oxygen version, oil-, fat- and silicone-free parts
Coil
Version with plug contacts
Approval
USP Class VI
8.6. Ordering chart accessories
Manifolds
Note:
Special custom-built manifolds are available on request.
Further accessories
Description
Article no.
Cable plug with 300 mm flying leads AWG 24
20081791 
Terminal block G ⅛ for cartridge version (FC18)
20081629 
Terminal block G ⅛ for flange version (FK16)
20081790 
Flat headed screw M 2.5 x 6, TORX T8 - A2 for valve mounting on terminal block, 10 pieces
20057873 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com