Electronic Components Datasheet Search
  English  ▼

X  

2852 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # 2852
Description  2-way proportional valve with pressure relief
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2852 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button 2852 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2852 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2852 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2852 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2852 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2852 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2852 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2852 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2852 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Type 2852
8 | 10
Visit product website 
Determination of the K
V value
Pressure drop
K
V value for liquids
K
V value for gases
[m3/h]
[m3/h]
Sub-critical
p2 > 2
p1
= Q
ρ
Δp
1000
= Q
514
QN
ρN
T
1
Δp
p2
Supercritical
p2 < 2
p1
= Q
ρ
Δp
1000
= Q
QN
ρN
T
1
257 p1
K
V
Flow coefficient
[m3/h] 1.)
Q
N
Standard flow rate
[m
N
3
/h] 2.)
p
1
Inlet pressure
[bar] 3.)
p
2
Outlet pressure
[bar] 3.)
∆p Differential pressure p
1…p2
[bar]
ρ
Density
[kg/m3]
ρ
N
Standard density
[kg/m3]
T
1
Medium temperature
[(273+t)K]
1.) Measured for water, ∆p = 1 bar, over the value
2.) At reference conditions 1.013 bar and 0 °C (273 K)
3.) Absolute pressure
7.
Product operation
7.1. Control unit
Valve control takes place through a PWM signal (pulse-width modulation) or constant current control. The duty cycle of the PWM signal
determines the coil current and hence the position of the plunger.
The control signal has an influence on the hysteresis of the flow curve. Higher PWM frequencies lead to hysteresis reduction.
Observe the PWM frequency and the operating voltage which are specified in chapter “1. General technical data” on page 3.
The valve is suitable for 100 % continuous duty cycle, as long as a medium is flowing. However, the specified nominal voltage must not be
exceeded. With a constantly high duty cycle and high ambient temperature at the same time, the achievable valve current is reduced since
the valve heats up.
Please note the design comments for such a control valve in chapter “6.1. Flow characteristic” on page 7.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com