Electronic Components Datasheet Search
  English  ▼

X  

13192 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 13192
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13192 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  13192 Datasheet HTML 1Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 2Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 3Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 4Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 5Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Block Diagrams
MC13192 Technical Data, Rev. 3.2
4
Freescale Semiconductor
3
Block Diagrams
Figure 1 shows a simplified block diagram of the MC13192 which is an 802.15.4 Standard compatible
transceiver that provides the functions required in the physical layer (PHY) specification.
Figure 1. MC13192 Simplified Block Diagram
Figure 2 shows the basic system block diagram for the MC13192 in an application. Interface with the
transceiver is accomplished through a 4-wire SPI port and interrupt request line. The media access control
(MAC), drivers, and network and application software (as required) reside on the host processor. The host
can vary from a simple 8-bit device up to a sophisticated 32-bit processor depending on application
requirements.
Figure 2. System Level Block Diagram
P has e S hift M odulator
RS T
GP IO 1
GP IO 2
GP IO 3
GP IO 4
XT AL2
XT AL1
RF IN -
RF IN +
PA O +
PA O -
MO S I
MIS O
SP IC LK
RX T X E N
CE
AT T N
GP IO 5
GP IO 6
GP IO 7
Rec eiv e
P acket R A M
T rans m it
Pac k et R A M 1
T rans m it R A M
Arbiter
Rec eiv e RA M
Arbiter
PA
VCO
C ryst a l
O scilla t o r
S y m bol
G eneration
FC S
G eneration
Header
G eneration
S equenc e
M anager
(C ontrol Logic )
V DDL O 2
÷ 4
256 M Hz
2.45 G Hz
LN A
1s t IF M ix er
IF = 65 M Hz
2nd IF M ix er
IF = 1 M Hz
PM A
Dec im ation
Filter
M atc hed
Filter
B as eband
Mix er
DC D
CCA
Pac k et
P roc essor
IR Q
Arbiter
24 B it E v ent T im er
IR Q
16 M Hz
AGC
A nalog
R egulator
V B A T T
Digital
R egulator L
Digital
R egulator H
P ow er-U p
C ontrol
Logic
Cry s tal
R egulator
VC O
R egulator
VDDIN T
P rogram m able
Pres c aler
CLK O
4 P rogram m able
T im er C om parators
Sy nthesize r
VDDD
VDDV C O
VDDA
VDDLO 1
T rans m it
Pac k et R A M 2
Analog Receiver
MC13192
Frequency
Generation
Analog
Transmitter
Voltage
Regulators
Power Up
Management
Control
Logic
Buffer RAM
SPI
and GPIO
Microcontroller
SPI
ROM
(Flash)
RAM
CPU
A/D
Application
Network
MAC
PHY Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com