Electronic Components Datasheet Search
  English  ▼

X  

13192 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 13192
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13192 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 13192 Datasheet HTML 10Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 11Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 12Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 13Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 14Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 15Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 16Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 17Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Pin Connections
MC13192 Technical Data, Rev. 3.2
14
Freescale Semiconductor
7
Pin Connections
Table 8. Pin Function Description
Pin #
Pin Name
Type
Description
Functionality
1
RFIN-
RF Input
LNA negative differential input.
2
RFIN+
RF Input
LNA positive differential input.
3
Not Used
Tie to Ground.
4
Not Used
Tie to Ground.
5
PAO+
RF Output /DC Input
Power Amplifier Positive Output. Open drain. Connect
to VDDA.
6
PAO-
RF Output/DC Input
Power Amplifier Negative Output. Open drain.
Connect to VDDA.
7
SM
Test mode pin. Tie to Ground
Tie to Ground for
normal operation
8
GPIO41
Digital Input/ Output
General Purpose Input/Output 4.
See Footnote 1
9
GPIO31
Digital Input/ Output
General Purpose Input/Output 3.
See Footnote 1
10
GPIO21
Digital Input/ Output
General Purpose Input/Output 2. When gpio_alt_en,
Register 9, Bit 7 = 1, GPIO2 functions as a “CRC
Valid” indicator.
See Footnote 1
11
GPIO11
Digital Input/ Output
General Purpose Input/Output 1. When gpio_alt_en,
Register 9, Bit 7 = 1, GPIO1 functions as an “Out of
Idle” indicator.
See Footnote 1
12
RST
Digital Input
Active Low Reset. While held low, the IC is in Off Mode
and all internal information is lost from RAM and SPI
registers. When high, IC goes to IDLE Mode, with SPI
in default state.
13
RXTXEN2
Digital Input
Active High. Low to high transition initiates RX or TX
sequence depending on SPI setting. Should be taken
high after SPI programming to start RX or TX
sequence and should be held high through the
sequence. After sequence is complete, return
RXTXEN to low. When held low, forces Idle Mode.
See Footnote 2
14
ATTN2
Digital Input
Active Low Attention. Transitions IC from either
Hibernate or Doze Modes to Idle.
See Footnote 2
15
CLKO
Digital Output
Clock output to host MCU. Programmable frequencies
of:
16 MHz, 8 MHz, 4 MHz, 2 MHz, 1 MHz, 62.5 kHz,
32.786+ kHz (default),
and 16.393+ kHz.
16
SPICLK2
Digital Clock Input
External clock input for the SPI interface.
See Footnote 2
17
MOSI2
Digital Input
Master Out/Slave In. Dedicated SPI data input.
See Footnote 2
18
MISO3
Digital Output
Master In/Slave Out. Dedicated SPI data output.
See Footnote 3
19
CE2
Digital Input
Active Low Chip Enable. Enables SPI transfers.
See Footnote 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com