Electronic Components Datasheet Search
  English  ▼

X  

13192 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 13192
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13192 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 13192 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 9Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 10Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 11Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 12Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 13Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 14Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Functional Description
MC13192 Technical Data, Rev. 3.2
Freescale Semiconductor
11
6
Functional Description
6.1
MC13192 Operational Modes
The MC13192 has a number of operational modes that allow for low-current operation. Transition from
the Off to Idle mode occurs when RST is negated. Once in Idle, the SPI is active and is used to control the
IC. Transition to Hibernate and Doze modes is enabled via the SPI. These modes are summarized, along
with the transition times, in Table 7. Current drain in the various modes is listed in Table 3, DC Electrical
Characteristics.
6.2
Serial Peripheral Interface (SPI)
The host microcontroller directs the MC13192, checks its status, and reads/writes data to the device
through the 4-wire SPI port. The transceiver operates as a SPI slave device only. A transaction between
the host and the MC13192 occurs as multiple 8-bit bursts on the SPI. The SPI signals are:
1. Chip Enable (CE) - A transaction on the SPI port is framed by the active low CE input signal. A
transaction is a minimum of 3 SPI bursts and can extend to a greater number of bursts.
2. SPI Clock (SPICLK) - The host drives the SPICLK input to the MC13192. Data is clocked into the
master or slave on the leading (rising) edge of the return-to-zero SPICLK and data out changes
state on the trailing (falling) edge of SPICLK.
NOTE
For Freescale microcontrollers, the SPI clock format is the clock phase
control bit CPHA = 0 and the clock polarity control bit CPOL = 0.
3. Master Out/Slave In (MOSI) - Incoming data from the host is presented on the MOSI input.
4. Master In/Slave Out (MISO) - The MC13192 presents data to the master on the MISO output.
A typical interconnection to a microcontroller is shown in Figure 7.
Table 7. MC13192 Mode Definitions and Transition Times
Mode
Definition
Transition Time
To or From Idle
Off
All IC functions Off, Leakage only. RST asserted. Digital outputs are tri-stated including
IRQ
10 - 25 ms to Idle
Hibernate
Crystal Reference Oscillator Off. (SPI not functional.) IC Responds to ATTN. Data is
retained.
7 - 20 ms to Idle
Doze
Crystal Reference Oscillator On but CLKO output available only if Register 7, Bit 9 = 1
for frequencies of 1 MHz or less. (SPI not functional.) Responds to ATTN and can be
programmed to enter Idle Mode through an internal timer comparator.
(300 + 1/CLKO) µs
to Idle
Idle
Crystal Reference Oscillator On with CLKO output available. SPI active.
Receive
Crystal Reference Oscillator On. Receiver On.
144 µs from Idle
Transmit
Crystal Reference Oscillator On. Transmitter On.
144 µs from Idle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com