Electronic Components Datasheet Search
  English  ▼

X  

13192 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 13192
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13192 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 13192 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 9Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 10Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 11Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 12Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 13Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Electrical Characteristics
MC13192 Technical Data, Rev. 3.2
10
Freescale Semiconductor
Figure 6 shows a typical AC parameter evaluation circuit.
Figure 6. Parameter Evaluation Circuit
Table 6. Digital Timing Specifications
(VBATT, VDDINT = 2.7 V, TA = 25 °C, frequency = 16 MHz, unless otherwise noted.
SPI timing parameters are referenced to
Figure 8.
Symbol
Parameter
Min
Typ
Max
Unit
T0
SPICLK period
125
nS
T1
Pulse width, SPICLK low
50
nS
T2
Pulse width, SPICLK high
50
nS
T3
Delay time, MISO data valid from falling SPICLK
15
nS
T4
Setup time, CE low to rising SPICLK
15
nS
T5
Delay time, MISO valid from CE low
15
nS
T6
Setup time, MOSI valid to rising SPICLK
15
nS
T7
Hold time, MOSI valid from rising SPICLK
15
nS
RST minimum pulse width low (asserted)
250
nS
J4
CLOCK Sel
1
2
MISO
R3
10k
RXD
J2
HEADER 10X2
SPI_CLK
GPIO1
L2
6.8nH
T2
2450BL15B200
R5
47k
GPIO2
R2
200
+
C2
220pF
U1
MC13192
20
22
3
5
7
19
24
18
17
4
6
8
23
21
1
2
IRQ
VDDINT
GND
PAO+
GND
CE
GPIO6
MISO
MOSI
GND
PAO-
GPIO4
GPIO5
VDDD
RFIN-
RFIN+
R1
47k
R6
47k
R4
47k
ABEL RESET
C7
10pF
+
C1
220pF
C4
9pF
C5
9pF
J3
Wake Up
1
2
ATTN
J6
SMA
2
J5
SMA
2
+
C3
220pF
GPIO2
J7
RESET
1
2
3
T1
2450BL15B200
CLKO
C8
10pF
MOSI
GPIO1
VCC
Y1
TSX-10A@16Mhz
Baud SEL
PA2
J1
MCU Interface
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
C6
0.1uF
RTXENi
L1
8.2nH
MCU RESET
CE
IRQ
RTXENi
16 MHz CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com