Electronic Components Datasheet Search
  English  ▼

X  

13202 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 13202
Description  2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13202 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 13202 Datasheet HTML 17Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 18Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 19Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 20Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 21Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 22Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 23Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 24Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
MC13202 Technical Data, Rev. 1.2
Freescale Semiconductor
21
8.3
Low Power Considerations
•
Program and use the modem IO pins properly for low power operation
— All unused modem GPIOx signals must be used one of 2 ways:
– If the Off mode is to be used as a long term low power mode, unused GPIO should be tied
to ground. The default GPIO mode is an input and there will be no conflict.
– If only Hibernate and/or Doze modes are used as long term low power modes, the GPIO
should programmed as outputs in the low state.
— When modem GPIO are used as outputs:
– Pullup resistors should be provided (can be provided by the MCU IO pin if tied to the MCU)
if the modem Off condition is to be used as a long term low power mode.
– During Hibernate and/or Doze modes, the GPIO will retain its programmed output state.
— If the modem GPIO is used as an input, the GPIO should be driven by its source during all low
power modes or a pullup resistor should be provided.
— Digital outputs IRQ, MISO, and CLKO:
– MISO - is always an output. During Hibernate, Doze, and active modes, the default
condition is for the MISO output to go to tristate when CE is de-asserted, and this can cause
a problem with the MCU because one of its inputs can float. Program Control_B Register
07, Bit 11, miso_hiz_en = 0 so that MISO is driven low when CE is de-asserted. As a result,
MISO will not float when Doze or Hibernate Mode is enabled.
–IRQ - is an open drain output (OD) and should always have a pullup resistor (typically
provided by the MCU IO). IRQ acts as the interrupt request output.
NOTE
It is good practice to have the IRQ interrupt input to the MCU disabled
during the hardware reset to the modem. After releasing the modem
hardware reset, the interrupt request input to the MCU can then be enabled
to await the IRQ that signifies the modem is ready and in Idle mode; this can
prevent a possible extraneous false interrupt request.
– CLKO - is always an output. During Hibernate CLKO retains its output state, but does not
toggle. During Doze, CLKO may toggle depending on whether it is being used.
•
If the MCU is also going to be used in low power modes, be sure that all unused IO are programmed
properly for low power operation (typically best case is as outputs in the low state). The MC13202
is commonly used with the Freescale MC9S08GT/GB 8-bit devices. For these MCUs:
— Use only STOP2 and STOP3 modes (not STOP1) with these devices where the GPIO states are
retained. The MCU must retain control of the MC13202 IO during low power operation.
— As stated above all unused GPIO should be programmed as outputs low for lowest power and
no floating inputs.
3 A wider frequency stability may be acceptable if application uses trimming at production final test.
4 A wider aging tolerance may be acceptable if application uses trimming at production final test.
5 Higher ESR may be acceptable with lower load capacitance.
6 Lower load capacitance can allow higher ESR and is better for low temperature operation in Doze mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com