Electronic Components Datasheet Search
  English  ▼

X  

13202 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 13202
Description  2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13202 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 13202 Datasheet HTML 19Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 20Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 21Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 22Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 23Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 24Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 25Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 26Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
MC13202 Technical Data, Rev. 1.2
Freescale Semiconductor
23
Figure 12. RF Interface Pins
9.1.1
Single Port Operation
The integrated RF switch allows users to operate in a single port configuration. In Single Port Mode, an
internal RX switch and separate PA are used and pins RFIN_P (PAO_P) and RFIN_M (PAO_M) become
bidirectional and connect both for TX and RX. When receiving, the RX switch is enabled to the internal
LNA and the TX PA is disabled. When transmitting, the RX switch is disabled (isolating the LNA) and a
TX PA is enabled. The optional CT_Bias pin provides a reference or bias voltage which is at VDDA for
transmit and is at ground for receive. This signal can be used to provide the proper bias voltage to a balun
that converts a single-ended antenna to the differential interface required by the transceiver.
Figure 13 shows a single port example with a balun.
Figure 13. Single Port RF Operation with a Balun
The CT_Bias is connected to the balun center-tap providing the proper DC bias voltage to the balun
depending on RX or TX.
RX
SW ITCH
PA1 ENABLE
CT_Bias CONTROL
PA1
PA2
FROM TX PSM
RX ENABLE
LNA
RX
SIGNAL
RFIN_P (PAO_P)
RFIN_M (PAO_M )
CT_Bias
PAO_P
PAO_M
2
1
3
5
6
PA2 ENABLE
CT_Bias Generator
Balun
Bypass
RFIN_P (PAO_P)
RFIN_M (PAO_M)
CT_Bias
PAO_P
PAO_M
MC13202/03
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com