Electronic Components Datasheet Search
  English  ▼

X  

MC33596 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC33596 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
Data Manager
MC33596 Data Sheet, Rev. 3
Freescale Semiconductor
21
11.4 Receiver Startup Delay
As shown in Figure 12, a settling time is required when entering the on state.
Figure 12. Receiver Usable Window
12
Data Manager
In receive mode, Manchester coded data can be processed internally by the data manager. After decoding,
the data are output on the digital interface, in SPI format. This minimizes the load on the MCU.
The data manager, when enabled (DME = 1), has five purposes:
•
ID detection: The received identifier is compared with the identifier stored in the ID register.
•
Header recognition: The received header is compared with the one stored in the HEADER
register.
•
Clock recovery: The clock is recovered during reception of the preamble and is computed from
the shortest received pulse. During the reception of the telegram, the recovered clock is constantly
updated to the data rate of the incoming signal.
•
Output data and recovered clock on digital interface: See Section 14.1, “Receive Mode.”
•
End-of-message detection: An EOM consists of two consecutive NRZ ones or zeroes.
Table 8 details some MC33596 features versus DME values.
13
Receiver On/Off Control
In receive mode, on/off sequencing can be controlled internally, or managed externally by the MCU
through the input pin STROBE.
If the internal timer is selected (SOE = 1),
Table 8.
the MC33596 Features versus DME
DME
Digital Interface Use
Data Format
Output
0
SPI deselected
Bit stream
No clock
MOSI
—
1
SPI master
when CONFB = 1
Data bytes
Recovered clock
MOSI
SCLK
Receiver
Status
RF
Signal
Off
On
Off
On
Settling
Time
ID
Detected
ID
ID
ID
ID
ID
ID
ID
ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com