Electronic Components Datasheet Search
  English  ▼

X  

MC33596 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MC33596 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 37Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 38Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 39Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 40Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 41Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 42Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
Controller
MC33596 Data Sheet, Rev. 3
Freescale Semiconductor
39
output data are complemented also. When an EOM occurs before the current byte is fully shifted out,
dummy bits are inserted until the number of shifted bits is a multiple of 8.
For all states: At any time, a low level applied to STROBE puts the circuit into state 20, and a low level
applied to CONFB forces the state machine to state 1.
17.3 Standby/LVD Mode
Standby/LVD mode allows minimum current consumption to be achieved. Depending upon the value of
the LVDE bit, the circuit is in standby mode (state 60) or LVD mode (state 5 and 20).
LVDE = 0: The receiver is in standby; consumption is reduced to leakage current (current state after POR).
LVDE = 1: The LVD function is enabled; consumption is in the range of tens of microamperes.
The only way to exit this mode is to go back to configuration mode by applying a low level to CONFB.
17.4 Transition Time
Table 21 details the different times that must be considered for a given transition in the state machine, once
the logic conditions for that transition are met.
Table 21. Transition Time Definition
Transition
State x -> y
Crystal
Oscillator
Startup Time,
Parameter 5.10
PLL Timing
Receiver
Preamble
Time1
NOTES:
1
See Section 11.2, “Preamble, Identifier, Header, and Message.”
Receiver
On-to-Off Time,
Parameter 1.12
Standby to SPI running, state 60 -> 1
√
Standby to receiver running, states 5 -> 5b, 20 -> 21
√
Lock time parameter
5.9
√
Off to receiver running, states 0 -> 0b, 10 -> 11
√
Lock time parameter
5.9
√
Configuration to receiver running,
states 1 -> (0b, 5b, 11, 21)
0 or lock time
parameter 5.1 or lock
time parameter 5.9 2
2
Depending on the PLL status before entering configuration mode. For example, the transition time from standby to receiver
running (FSK modulation, 19.2 kBd, AFFC = 0, data manager enabled) is: 0.6 ms + 50 µs + (3 + 1)/19.2k = 970 µs.
√
Receiver running to configuration mode,
state (0b, 5b, 11, 12, 13, 21, 22, 23) -> 1,
Receiver running to standby mode,
state 5b -> 5, (21, 22, 23) -> 20
√
Receiver running to off mode,
state 0b -> 0, (11, 12, 13) -> 10
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com