Electronic Components Datasheet Search
  English  ▼

X  

MC33596 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MC33596 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
00h CONFIG1-A
91 h
0Dh CONFIG1-B
91 h
Bit 7Bit 6Bit 5
Bit 4
Bit 3Bit 2Bit 1Bit 0
Bit 7
Bit 6Bit 5Bit 4Bit 3Bit 2
Bit 1Bit 0
Bit Name
LOF1
LOF0
CF1
CF0
RESET
SL
LVDE
CLKE
Bit Name
LOF1
LOF0
CF1
CF0
—
SL
LVDE
CLKE
Reset Value
1
0
0
1
0
0
0
1
Reset Value
1
0
0
1
0
0
0
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
0 = 304–434
304–315
315–434
314
No
T/R
No
No
0 = 304–434
304–315
315–434
314
—
T/R
No
No
1 = 315–916
434–916
868
434–868
Yes
R/T
Yes
Yes
1 = 315–916
434–916
868
434–868
—
R/T
Yes
Yes
01h CONFIG2-A
10 h
0Eh CONFIG2-B
10 h
Bit 7Bit 6Bit 5
Bit 4
Bit 3Bit 2Bit 1Bit 0
Bit 7
Bit 6Bit 5Bit 4Bit 3Bit 2
Bit 1Bit 0
Bit Name DSREF
FRM
MODU
DR1
DR0
TRXE
DME
SOE
Bit Name DSREF
FRM
MODU
DR1
DR0
TRXE
DME
SOE
Reset Value
0
0
0
1
0
0
0
0
Reset Value
0
0
0
1
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R[A]
0 =
Fixed
Friendly
OOK
2.4–4.8
2.4–9.6
Standby
No
No
0 =
Fixed
Friendly
OOK
2.4–4.8
2.4–9.6
Standby
No
No
1 = Adaptive
Direct
FSK
9.6–19.2
4.8–19.2
Enable
Yes
Yes
1 = Adaptive
Direct
FSK
9.6–19.2
4.8–19.2
Enable
Yes
Yes
02h CONFIG3-A
30 h
0Fh CONFIG3-B
30 h
Bit 7Bit 6Bit 5
Bit 4
Bit 3Bit 2Bit 1Bit 0
Bit 7
Bit 6Bit 5Bit 4Bit 3Bit 2
Bit 1Bit 0
Bit Name
AFF1
AFF0
OLS
LVDS
ILA1
ILA0
OLA1
OLA0
Bit Name
AFF1
AFF0
OLS
LVDS
ILA1
ILA0
OLA1
OLA0
Reset Value
0
0
1
1
0
0
0
0
Reset Value
0
0
1
1
0
0
0
0
R/W
R/W
R
RR
R/W
R/W
R/W
R/W
R/W
R/W
R[A]
RR[A]
R/W
R/W
R/W
R/W
0 = 0.5–1 kHz 0.5–2 kHz
RAS
RAS
0–8 dB
0–14 dB
0–8 dB
0–14 dB
0 = 0.5–1 kHz 0.5–2 kHz
RAS
RAS
0–8 dB
0–14 dB
0–8 dB
0–14 dB
1 = 2–4 kHz
1–4 kHz Unlocked
Low V
14–24 dB 8–24 dB 14–24 dB 8–24 dB
1 = 2–4 kHz
1–4 kHz Unlocked
Low V
14–24 dB 8–24 dB 14–24 dB 8–24 dB
03h COMMAND-A
9 h
10h COMMAND-B
9 h
Bit 7Bit 6Bit 5
Bit 4
Bit 3Bit 2Bit 1Bit 0
Bit 7
Bit 6Bit 5Bit 4Bit 3Bit 2
Bit 1Bit 0
Bit Name
AFFC
IFLA
MODE
RSSIE
EDD
RAGC
FAGC
BANKS
Bit Name
AFFC
IFLA
MODE
RSSIE
EDD
RAGC
FAGC
BANKS
Reset Value
0
0
0
0
1
0
0
1
Reset Value
0
0
0
0
1
0
0
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R[A]
0 = AFFx OFF
No
RX
No
Slow dec.
No
No
B Bank
0 = AFFx OFF
No
RX
No
Slow dec.
No
No
B Bank
1 = AFFx ON
–20 dB
TX
Yes
Fast dec.
Yes
Yes
A Bank
1 = AFFx ON
–20 dB
TX
Yes
Fast dec.
Yes
Yes
A Bank
04h F1-A
48 h
11h F1-B
4800 h
Bit 7Bit 6Bit 5
Bit 4
Bit 3Bit 2Bit 1Bit 0
Bit 7
Bit 6Bit 5Bit 4Bit 3Bit 2
Bit 1Bit 0
Bit Name
FSK3
FSK2
FSK1
FSK0
F11
F10
F9
F8
Bit Name
FSK3
FSK2
FSK1
FSK0
F11
F10
F9
F8
Reset Value
0
1
0
0
1
0
0
0
Reset Value
0
1
0
0
1
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
05h F2-A
0 h
12h F2-B
0 h
Bit 7Bit 6Bit 5
Bit 4
Bit 3Bit 2Bit 1Bit 0
Bit 7
Bit 6Bit 5Bit 4Bit 3Bit 2
Bit 1Bit 0
Bit Name
F7
F6
F5
F4
F3
F1
F1
F0
Bit Name
F7
F6
F5
F4
F3
F1
F1
F0
Reset Value
0
0
0
0
0
0
0
0
Reset Value
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bank A Registers
Bank B Registers
Figure 6. Bank Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com