Electronic Components Datasheet Search
  English  ▼

X  

MC33596 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC33596 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
MC33596 Data Sheet, Rev. 3
Features
Freescale Semiconductor
2
•
Current consumption:
— 10.3 mA in RX mode
— Less then 1 mA in RX mode with strobe ratio = 1/10
— 260 nA standby and 24
μA off currents
•
Configuration switching — allows fast switching of two register banks
Receiver:
•
–106.5 dBm sensitivity, up to –108 dBm in FSK 2.4 kbps
•
Digital and analog RSSI (received signal strength indicator)
•
Automatic wakeup function (strobe oscillator)
•
Embedded data processor with programmable word recognition
•
Image cancelling mixer
•
380 kHz IF filter bandwidth
•
Fast wakeup time
Ordering information
Temperature Range
QFN Package
LQFP Package
–40°C to +85°C
MC33596FCE/R2
MC33596FJE/R2
–20°C to +85°C
MC33596FCAE/R2
MC33596FJAE/R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com