Electronic Components Datasheet Search
  English  ▼

X  

34717 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 34717
Description  5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Dual Switch-Mode Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34717 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 34717 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
34717
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Thermal Shutdown Threshold (18)
TSDFET2
-
170
-
°C
Thermal Shutdown Hysteresis (18)
TSDHYFET2
-
25
-
°C
OSCILLATOR (FREQ)
Oscillator Frequency Adjusting Reference Voltage Range
VFREQ
0.0
-
VDDI
V
TRACKING (VREFIN, VOUT1, VOUT2)
VREFIN External Reference Voltage Range (18)
VREFIN
0.0
-
1.35
V
VOUT1 Total Discharge Resistance (18)
RTDS(M8)
-
50
-
Ω
VOUT2 Total Discharge Resistance (18)
RTDS(M9)
-
50
-
Ω
CONTROL AND SUPERVISORY (SD, PG)
SD High Level Input Voltage
VSDHI
2.0
-
-
V
SD Low Level Input Voltage
VSDLO
-
-
0.4
V
SD Pin Internal Pull Up Resistor
RSDUP
1.0
-
2.0
M
Ω
PG Low Level Output Voltage
(IPG = 3.0 mA)
VPGLO
-
-
0.4
V
PG Pin Leakage Current
(M1 is off, Pulled up to VIN)
IPGLKG
-1.0
-
1.0
µA
Notes
18.
Design information only, this parameter is not production tested.
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 3.0 V
≤ V
IN ≤ 6.0 V, -40°C ≤ T
A ≤ 85°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com