Electronic Components Datasheet Search
  English  ▼

X  

34717 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 34717
Description  5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Dual Switch-Mode Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34717 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 34717 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
34717
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
delay and must be pulled up by an external resistor to a
supply voltage like VIN.
SHUTDOWN INPUT (SD)
If this pin is tied to the GND pin, the device will be in
Shutdown Mode. If left unconnected or tied to the VIN pin, the
device will be in Normal Mode. The pin has an internal pull up
of 1.5 M
Ω.
REFERENCE VOLTAGE INPUT (VREFIN)
The output of channel two will track the voltage applied at
this pin.
FREQUENCY ADJUSTMENT INPUT (FREQ)
The buck converters switching frequency can be adjusted
by connecting this pin to an external resistor divider between
VDDI and GND pins. The default switching frequency (FREQ
pin connected to ground, GND) is set at 1.0 MHz.
SOFT START ADJUSTMENT INPUT (ILIM1, ILIM2)
Soft Start can be adjusted by applying a voltage between
1.25V and VDDI on each ILIM pin.
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Figure 4. Block Illustration
INTERNAL BIAS CIRCUITS
This block contains all circuits that provide the necessary
supply voltages and bias currents for the internal circuitry. It
consists of:
• Internal Voltage Supply Regulator: This regulator
supplies the VDDI voltage that is used to drive the digital/
analog internal circuits. It is equipped with a Power-On-
Reset (POR) circuit that watches for the right regulation
levels. External filtering is needed on the VDDI pin. This
block will turn off during the shutdown mode.
• Internal Bandgap Reference Voltage: This supplies the
reference voltage to some of the internal circuitry.
• Bias Circuit: This block generates the bias currents
necessary to run all of the blocks in the IC.
SYSTEM CONTROL AND LOGIC
This block is the brain of the IC where the device
processes data and reacts to it. Based on the status of the SD
pin, the system control reacts accordingly and orders the
device into the right status. It also takes inputs from all of the
monitoring/protection circuits and initiates power up or power
down commands. It communicates with the buck converter to
manage the switching operation and protects it against any
faults.
OSCILLATOR
This block generates the clock cycles necessary to run the
IC digital blocks. It also generates the buck converters
switching frequency. The switching frequency can be
programmed by connecting a resistor divider to the FREQ
pin, between VDDI and GND pins (See Figure 1).
Internal Bias
System Control
Oscillator
Circuits
& Logic
Control &
Protection
Tracking &
Supervisory
Functions
Functions
Sequencing
2 x Buck Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com