Electronic Components Datasheet Search
  English  ▼

X  

34717 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 34717
Description  5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Dual Switch-Mode Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34717 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 34717 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
34717
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
Today’s advanced systems are increasingly requiring
more efficient and accurate power supplies. They present a
set of challenges that include highly accurate voltage
regulation, high current and fast transient response
capability, voltage monitoring (power sequencing), and
increased operating frequency. Point of Load power supplies
offer adequate solutions to these challenges. They are non-
isolated DC to DC converters that are located near their load
and take their input voltage from an intermediate not,
necessarily, regulated bus. their close proximity to the load is
of a high importance with newer device requirements. While
meeting the challenges, they allow for higher efficiency,
localized protection, and minimum distribution losses. Their
compact design and value makes them cost effective.
The 34717 is a PoL dual output power supply. Its
integrated solution offers a cost effective system and reliable
operation. It utilizes a voltage mode synchronous buck
switching converter topology with integrated low RDS(ON)
(50 mΩ) N-channel power MOSFETs for higher efficiency
operation. It provides an output voltage with an accuracy of
less than ±2.0 %, and capable of supplying up to 5.0 A of
continuous current from both channels. The second output
tracking abilities makes it ideal for systems with multiple
related supply rails. It has a programmable switching
frequency that allows for flexibility and optimization over the
operating conditions and can operate at up to 1.0 MHz to
significantly reduce the external components size and cost. It
also provides the ability to program the over current limit for
both channels. It protects against output over current,
overvoltage, undervoltage, and overtemperature conditions.
It also protects the system from short circuit events. It
incorporates a power good output signal to alert the host
when a fault occurs.
It can be enabled and disabled by controlling the SD pin,
which offers power sequencing capabilities.
By integrating the control/supervisory circuitry along with
the Power MOSFET switches for the buck converter into a
space-efficient package, the 34717 offers a complete, small-
size, cost-effective, and simple solution to satisfy the needs
of today’s systems.
FUNCTIONAL PIN DESCRIPTION
BOOTSTRAP INPUT (BOOT1, BOOT2)
Bootstrap capacitor input pin. Connect a capacitor (as
discussed in Bootstrap capacitor on page 19) between this
pin and the SW pin of the respective channel to enhance the
gate of the high-side Power MOSFET during switching.
POWER INPUT VOLTAGE (PVIN1, PVIN2)
Buck converter power input voltage. This is the drain of the
buck converter high-side power MOSFET.
SWITCHING NODE (SW1, SW2)
Buck converter switching node. This pin is connected to
the output inductor.
POWER GROUND (PGND1, PGND2)
Buck converter and discharge MOSFETs power ground. It
is the source of the buck converter low-side power MOSFET.
COMPENSATION INPUT (COMP1, COMP2)
Buck converter external compensation network connects
to this pin. Use a type III compensation network.
ERROR AMPLIFIER INVERTING INPUT (INV1, INV2)
Buck converter error amplifier inverting input. Connect the
output to the INV pin through a resistor divider.
OUTPUT VOLTAGE DISCHARGE PATH (VOUT1,
VOUT2)
Buck converter output voltage is connected to this pin. It
only serves as the output discharge path once the SD signal
is asserted.
INTERNAL SUPPLY VOLTAGE OUTPUT (VDDI)
This is the output of the internal bias voltage regulator.
Connect a 1.0 µF, 6 V low ESR ceramic filter capacitor
between this pin and the GND pin. Filtering any spikes on this
output is essential to the internal circuitry stable operation.
SIGNAL GROUND (GND)
Analog ground of the IC. Internal analog signals are
referenced to this pin voltage.
INPUT SUPPLY VOLTAGE (VIN)
IC power supply input voltage. Input filtering is required for
the device to operate properly.
POWER GOOD OUTPUT SIGNAL (PG)
This is an active low open drain output that is used to
report the status of the device to a host. This output activates
after a successful power up sequence and stays active as
long as the device is in normal operation and is not
experiencing any faults. This output activates after a 10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com