Electronic Components Datasheet Search
  English  ▼

X  

34717 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 34717
Description  5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Dual Switch-Mode Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34717 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 34717 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
34717
TYPICAL APPLICATIONS
OPERATIONAL MODES
Figure 7. 34717 Typical Application
VREFIN
VREFIN
VIN
ILIM2
FREQ
PVIN1
GND
VIN
VO1
VDDI
PVIN1
PVIN2
VO2
GND
VO1
VMASTER
LED
SD
FREQ
ILIM2
VM
PG
VMASTER
LED
VREFIN
VREFIN
ILIM1
VIN
GND
ILIM1
PVIN2
VM
I/O SIGNALS
JUMPERS
VIN CAPACITORS
PVIN1 CAPACITORS
TRIMPOTS nopop
PGOOD LED
VMASTER
ILIM1,ILIM2,FREQ
PVIN2 CAPACITORS
J2
J2
1
2
3
R12
10k_nopop
R12
10k_nopop
R7
1k
R7
1k
J3
J3
1
2
3
R6
POT_50K_nopop
R6
POT_50K_nopop
R9
10k
R9
10k
R5
POT_50K_nopop
R5
POT_50K_nopop
R11
10k
R11
10k
C4
100uF
C4
100uF
D1
LED
D1
LED
STBY_nopop
STBY_nopop
1
2
R22
10k_nopop
R22
10k_nopop
R16
10k
R16
10k
C5
100uF
C5
100uF
C33
100uF
C33
100uF
J1
CON10A
J1
CON10A
1
2
3
4
5
6
7
8
9
10
R21
POT_50K_nopop
R21
POT_50K_nopop
C29
100uF
C29
100uF
C32
100uF
C32
100uF
C2
1uF
C2
1uF
SD
SD
1
2
C31
1uF
C31
1uF
C30
0.1uF
C30
0.1uF
C17
10uF
C17
10uF
C3
100uF
C3
100uF
J4
J4
1
2
3
C16
0.1uF
C16
0.1uF
C1
0.1uF
C1
0.1uF
R13
10k_nopop
R13
10k_nopop
R8
10k
R8
10k
R10
10k
R10
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com