Electronic Components Datasheet Search
  English  ▼

X  

LL500 Datasheet(PDF) 5 Page - Texas Instruments

Part # LL500
Description  3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LL500 Datasheet(HTML) 5 Page - Texas Instruments

  LL500 Datasheet HTML 1Page - Texas Instruments LL500 Datasheet HTML 2Page - Texas Instruments LL500 Datasheet HTML 3Page - Texas Instruments LL500 Datasheet HTML 4Page - Texas Instruments LL500 Datasheet HTML 5Page - Texas Instruments LL500 Datasheet HTML 6Page - Texas Instruments LL500 Datasheet HTML 7Page - Texas Instruments LL500 Datasheet HTML 8Page - Texas Instruments LL500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SN54LVTH16500, SN74LVTH16500
3.3V ABT 18BIT UNIVERSAL BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SCBS701F − JULY 1997 − REVISED SEPTEMBER 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54LVTH16500
SN74LVTH16500
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 2.7 V,
II = −18 mA
−1.2
−1.2
V
VCC = 2.7 V to 3.6 V,
IOH = −100 µA
VCC−0.2
VCC−0.2
VOH
VCC = 2.7 V,
IOH = −8 mA
2.4
2.4
V
VOH
VCC = 3 V
IOH = −24 mA
2
V
VCC = 3 V
IOH = −32 mA
2
VCC = 2.7 V
IOL = 100 µA
0.2
0.2
VCC = 2.7 V
IOL = 24 mA
0.5
0.5
VOL
IOL = 16 mA
0.4
0.4
V
VOL
VCC = 3 V
IOL = 32 mA
0.5
0.5
V
VCC = 3 V
IOL = 48 mA
0.55
IOL = 64 mA
0.55
Control inputs
VCC = 3.6 V,
VI = VCC or GND
±1
±1
Control inputs
VCC = 0 or 3.6 V,
VI = 5.5 V
10
10
II
VI = 5.5 V
20
20
µA
II
A or B ports‡
VCC = 3.6 V
VI = VCC
1
1
µA
A or B ports‡
VCC = 3.6 V
VI = 0
−5
−5
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
±100
µA
VCC = 3 V
VI = 0.8 V
75
75
II(hold)
A or B ports
VCC = 3 V
VI = 2 V
−75
−75
µA
II(hold)
A or B ports
VCC = 3.6 V§,
VI = 0 to 3.6 V
±500
µA
IOZPU
VCC = 0 to 1.5 V, VO = 0.5 V to 3 V,
OE/OE = don’t care
±100∗
±100
µA
IOZPD
VCC = 1.5 V to 0, VO = 0.5 V to 3 V,
OE/OE = don’t care
±100∗
±100
µA
VCC = 3.6 V,
Outputs high
0.19
0.19
ICC
VCC = 3.6 V,
IO = 0,
V = V
or GND
Outputs low
5
5
mA
ICC
IO = 0,
VI = VCC or GND
Outputs disabled
0.19
0.19
mA
∆ICC¶
VCC = 3 V to 3.6 V, One input at VCC − 0.6 V,
Other inputs at VCC or GND
0.2
0.2
mA
Ci
VI = 3 V or 0
4
4
pF
Cio
VO = 3 V or 0
10
10
pF
∗ On products compliant to MIL-PRF-38535, this parameter is not production tested.
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ Unused pins at VCC or GND
§ This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to another.
¶ This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com