Electronic Components Datasheet Search
  English  ▼

X  

LL500 Datasheet(PDF) 6 Page - Texas Instruments

Part # LL500
Description  3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LL500 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LL500 Datasheet HTML 2Page - Texas Instruments LL500 Datasheet HTML 3Page - Texas Instruments LL500 Datasheet HTML 4Page - Texas Instruments LL500 Datasheet HTML 5Page - Texas Instruments LL500 Datasheet HTML 6Page - Texas Instruments LL500 Datasheet HTML 7Page - Texas Instruments LL500 Datasheet HTML 8Page - Texas Instruments LL500 Datasheet HTML 9Page - Texas Instruments LL500 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SN54LVTH16500, SN74LVTH16500
3.3V ABT 18BIT UNIVERSAL BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SCBS701F − JULY 1997 − REVISED SEPTEMBER 2003
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
SN54LVTH16500
SN74LVTH16500
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
150
150
150
150
MHz
tw
Pulse duration
LE high
3.3
3.3
3.3
3.3
ns
tw
Pulse duration
CLK high or low
3.3
3.3
3.3
3.3
ns
A before CLKAB
↓
3.1
3.1
2.9
2.9
tsu
Setup time
B before CLKBA
↓
3.1
3.1
2.9
2.9
ns
tsu
Setup time
A or B before LE
↓
CLK high
1.5
0.6
1.4
0.5
ns
A or B before LE
↓
CLK low
3.1
2.5
2.9
2.3
th
Hold time
A or B after CLK
↓
0.4
0.4
0.4
0.4
ns
th
Hold time
A or B after LE
↓
1.7
1.7
1.6
1.6
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
SN54LVTH16500
SN74LVTH16500
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
TYP†
MAX
MIN
MAX
fmax
150
150
150
150
MHz
tPLH
B or A
A or B
1.2
3.9
4.1
1.3
2.8
3.7
4
ns
tPHL
B or A
A or B
1.2
3.9
4.1
1.3
2.6
3.7
4
ns
tPLH
LEBA or LEAB
A or B
1.4
5.5
5.9
1.5
3.8
5.1
5.7
ns
tPHL
LEBA or LEAB
A or B
1.4
5.5
5.9
1.5
3.8
5.1
5.7
ns
tPLH
CLKBA or
A or B
1.2
5.3
6.1
1.3
3.6
5
5.9
ns
tPHL
CLKBA or
CLKAB
A or B
1.2
5.3
6.1
1.3
3.5
5
5.9
ns
tPZH
OEBA or OEAB
A or B
1.2
5.1
5.8
1.3
3.6
4.8
5.5
ns
tPZL
OEBA or OEAB
A or B
1.2
5.1
5.8
1.3
3.6
4.8
5.5
ns
tPHZ
OEBA or OEAB
A or B
1.6
6.1
6.6
1.7
4.5
5.8
6.3
ns
tPLZ
OEBA or OEAB
A or B
1.6
6.1
6.6
1.7
4.1
5.8
6.3
ns
† All typical values are at VCC = 3.3 V, TA = 25°C.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com