Electronic Components Datasheet Search
  English  ▼

X  

LL500 Datasheet(PDF) 1 Page - Texas Instruments

Part # LL500
Description  3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LL500 Datasheet(HTML) 1 Page - Texas Instruments

  LL500 Datasheet HTML 1Page - Texas Instruments LL500 Datasheet HTML 2Page - Texas Instruments LL500 Datasheet HTML 3Page - Texas Instruments LL500 Datasheet HTML 4Page - Texas Instruments LL500 Datasheet HTML 5Page - Texas Instruments LL500 Datasheet HTML 6Page - Texas Instruments LL500 Datasheet HTML 7Page - Texas Instruments LL500 Datasheet HTML 8Page - Texas Instruments LL500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54LVTH16500, SN74LVTH16500
3.3V ABT 18BIT UNIVERSAL BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SCBS701F − JULY 1997 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Members of the Texas Instruments
Widebus
 Family
D UBT  Transceivers Combine D-Type
Latches and D-Type Flip-Flops for
Operation in Transparent, Latched, or
Clocked Mode
D Support Mixed-Mode Signal Operation (5-V
Input and Output Voltages With 3.3-V VCC)
D Support Unregulated Battery Operation
Down to 2.7 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Ioff and Power-Up 3-State Support Hot
Insertion
D Bus Hold on Data Inputs Eliminates the
Need for External Pullup/Pulldown
Resistors
D Distributed VCC and GND Pins Minimize
High-Speed Switching Noise
D Flow-Through Architecture Optimizes PCB
Layout
D Latch-Up Performance Exceeds 500 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
The ’LVTH16500 devices are 18-bit universal bus
transceivers designed for low-voltage (3.3-V) VCC
operation, but with the capability to provide a TTL
interface to a 5-V system environment.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE MARKING
SSOP − DL
Tube
SN74LVTH16500DL
LVTH16500
SSOP − DL
Tape and reel
SN74LVTH16500DLR
LVTH16500
−40
°C to 85°C
TSSOP − DGG
Tape and reel
SN74LVTH16500DGGR
LVTH16500
−40 C to 85 C
VFBGA − GQL
Tape and reel
SN74LVTH16500GQLR
LL500
VFBGA − ZQL (Pb-free)
Tape and reel
SN74LVTH16500ZQLR
LL500
−55
°C to 125°C
CFP − WD
Tube
SNJ54LVTH16500WD
SNJ54LVTH16500WD
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus and UBT are trademarks of Texas Instruments.
SN54LVTH16500 . . . WD PACKAGE
SN74LVTH16500 ... DGG OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
OEAB
LEAB
A1
GND
A2
A3
VCC
A4
A5
A6
GND
A7
A8
A9
A10
A11
A12
GND
A13
A14
A15
VCC
A16
A17
GND
A18
OEBA
LEBA
GND
CLKAB
B1
GND
B2
B3
VCC
B4
B5
B6
GND
B7
B8
B9
B10
B11
B12
GND
B13
B14
B15
VCC
B16
B17
GND
B18
CLKBA
GND


Similar Part No. - LL500

ManufacturerPart #DatasheetDescription
logo
Klein Tools, Inc.
LL5 KLEIN-LL5 Datasheet
2Mb / 8P
Hex-Key Wrenches
logo
First Components Intern...
LL5221 FCI-LL5221 Datasheet
181Kb / 2P
쩍 Watt ZENER DIODES (2.4V to 62V) Mechanical Dimensions
LL5221A FCI-LL5221A Datasheet
181Kb / 2P
쩍 Watt ZENER DIODES (2.4V to 62V) Mechanical Dimensions
logo
List of Unclassifed Man...
LL5221B ETC1-LL5221B Datasheet
416Kb / 5P
Zener diode
logo
First Components Intern...
LL5221B FCI-LL5221B Datasheet
181Kb / 2P
쩍 Watt ZENER DIODES (2.4V to 62V) Mechanical Dimensions
More results

Similar Description - LL500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVT16500 TI-SN54LVT16500 Datasheet
152Kb / 9P
3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16501 TI-SN54LVT16501 Datasheet
203Kb / 12P
3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16500 TI-SN54LVTH16500 Datasheet
135Kb / 9P
3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16501 TI-SN54LVTH16501 Datasheet
204Kb / 12P
3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16835 TI-SN54LVTH16835 Datasheet
121Kb / 8P
3.3-V ABT 18-BIT UNIVERSAL BUS DRIVERS WITH 3-STATE OUTPUTS
SN74LVT16835 TI-SN74LVT16835 Datasheet
109Kb / 7P
3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN54LVTH16501 TI-SN54LVTH16501_07 Datasheet
346Kb / 14P
3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16500 TI-SN54LVT16500_07 Datasheet
270Kb / 14P
3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVTH16501-EP TI1-SN74LVTH16501-EP Datasheet
302Kb / 10P
3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16835-EP TI1-SN74LVTH16835-EP Datasheet
309Kb / 11P
3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com