Electronic Components Datasheet Search
  English  ▼

X  

TIL3012 Datasheet(PDF) 4 Page - Texas Instruments

Part # TIL3012
Description  OPTOCOUPLERS/OPTOISOLATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL3012 Datasheet(HTML) 4 Page - Texas Instruments

  TIL3012 Datasheet HTML 1Page - Texas Instruments TIL3012 Datasheet HTML 2Page - Texas Instruments TIL3012 Datasheet HTML 3Page - Texas Instruments TIL3012 Datasheet HTML 4Page - Texas Instruments TIL3012 Datasheet HTML 5Page - Texas Instruments TIL3012 Datasheet HTML 6Page - Texas Instruments TIL3012 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TIL3009, TIL3010, TIL3011, TIL3012
OPTOCOUPLERS/OPTOISOLATORS
SOES027A – DECEMBER 1987 – REVISED APRIL 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
6
4
2
0
25
50
8
10
12
75
100
0.12
0.08
0.04
0
0.16
0.2
0.24
TA – Free-Air Temperature – °C
RL = 2 kΩ
RL = 510 Ω
dv/dt
dv/dt(c)
See Figure 1
OFF-STATE dv/dt AND COMMUTATING dv/dt
vs
FREE-AIR TEMPERATURE
400
100
10
4
1
1000
40
100
400
1 k
4 k
10 k
40 k
100 k
f – Frequency – Hz
RMS APPLIED VOLTAGE
(FOR dv/dt(c) = 0.15 V/
µs)
vs
FREQUENCY
RL = 1 kΩ
TA = 25°C
dv/dt = 2
√2πf Vin
See Figure 1
dv/dt = 0.15 V/
µs
Figure 6
0
0.01
0.1
1
NONREPETITIVE PEAK ON-STATE CURRENT
vs
PULSE DURATION
3
10
100
2
1
tw – Pulse Duration – ms
TA = 25°C
Figure 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com