Electronic Components Datasheet Search
  English  ▼

X  

TIL3012 Datasheet(PDF) 6 Page - Texas Instruments

Part # TIL3012
Description  OPTOCOUPLERS/OPTOISOLATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL3012 Datasheet(HTML) 6 Page - Texas Instruments

  TIL3012 Datasheet HTML 1Page - Texas Instruments TIL3012 Datasheet HTML 2Page - Texas Instruments TIL3012 Datasheet HTML 3Page - Texas Instruments TIL3012 Datasheet HTML 4Page - Texas Instruments TIL3012 Datasheet HTML 5Page - Texas Instruments TIL3012 Datasheet HTML 6Page - Texas Instruments TIL3012 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TIL3009, TIL3010, TIL3011, TIL3012
OPTOCOUPLERS/OPTOISOLATORS
SOES027A – DECEMBER 1987 – REVISED APRIL 1998
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL INFORMATION
0,25 (0.010) NOM
1
Seating Plane
0
°–15°
105
°
90
°
2
3
6
5
4
CL
CL
6,61 (0.260)
6,09 (0.240)
7,62 (0.300) T.P.
(see Note A)
5,46 (0.215)
2,92 (0.115)
1,78 (0.070)
0,51 (0.020)
3,81(0.150)
3,17 (0.125)
2,29 (0.090)
1,27 (0.050)
4 Places
2,54 (0.100) T.P.
(see Note A)
1,01 (0.040) MIN
0,534 (0.021)
0,381 (0.015)
6 Places
1,78 (0.070) MAX
6 Places
Index Dot
(see Note B)
9,40 (0.370)
8,38 (0.330)
NOTES: A. Leads are within 0,13 mm (0.005 inch) radius of true position (T.P.) with maximum material condition and unit installed.
B. Pin 1 identified by index dot.
C. The dimensions given fall within JEDEC MO-001 AM dimensions.
D. All linear dimensions are given in millimeters and parenthetically given in inches.
Figure 11. Packaging Specifications



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com