Electronic Components Datasheet Search
  English  ▼

X  

TIL3012 Datasheet(PDF) 3 Page - Texas Instruments

Part # TIL3012
Description  OPTOCOUPLERS/OPTOISOLATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL3012 Datasheet(HTML) 3 Page - Texas Instruments

  TIL3012 Datasheet HTML 1Page - Texas Instruments TIL3012 Datasheet HTML 2Page - Texas Instruments TIL3012 Datasheet HTML 3Page - Texas Instruments TIL3012 Datasheet HTML 4Page - Texas Instruments TIL3012 Datasheet HTML 5Page - Texas Instruments TIL3012 Datasheet HTML 6Page - Texas Instruments TIL3012 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TIL3009, TIL3010, TIL3011, TIL3012
OPTOCOUPLERS/OPTOISOLATORS
SOES027A – DECEMBER 1987 – REVISED APRIL 1998
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
1.1
1
0.9
0.8
1.2
1.3
EMITTING DIODE TRIGGER CURRENT (NORMALIZED)
vs
FREE-AIR TEMPERATURE
1.4
– 50
– 25
0
25
50
75
100
TA – Free-Air Temperature – °C
Figure 3
ON-STATE CHARACTERISTICS
800
600
400
200
0
– 200
– 400
– 600
– 800
–3
–2
–1
0
1
2
3
VTM – Peak On-State Voltage – V
Output tw = 80 µs
IF = 20 mA
f = 60 Hz
TA = 25°C
Figure 4
8
6
4
0
0.4
0.8
1.2
10
12
1.6
2
RL – Load Resistance – kΩ
0.12
0.08
0.04
0.16
0.20
Off-State
Commutating
dv/dt
dv/dt(c)
TA = 25°C
See Figure 1
CRITICAL RATE OF RISE OF OUTPUT VOLTAGE
OFF-STATE dv/dt AND COMMUTATING dv/dt(c)
vs
LOAD RESISTANCE
9
7
5
11
13
0.14
0.10
0.06
0.18
0.22
14
0.24



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com