Electronic Components Datasheet Search
  English  ▼

X  

AD1928YSTZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD1928YSTZ
Description  2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1928YSTZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD1928YSTZ Datasheet HTML 16Page - Analog Devices AD1928YSTZ Datasheet HTML 17Page - Analog Devices AD1928YSTZ Datasheet HTML 18Page - Analog Devices AD1928YSTZ Datasheet HTML 19Page - Analog Devices AD1928YSTZ Datasheet HTML 20Page - Analog Devices AD1928YSTZ Datasheet HTML 21Page - Analog Devices AD1928YSTZ Datasheet HTML 22Page - Analog Devices AD1928YSTZ Datasheet HTML 23Page - Analog Devices AD1928YSTZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD1928
Rev. 0 | Page 20 of 32
DLRCLK
DBCLK
8 DAC CHANNELS OF THE SECOND IC IN THE CHAIN
8 DAC CHANNELS OF THE FIRST IC IN THE CHAIN
DSDATA1
(IN)
DAC L1
DAC R1
DAC L2
DAC R2
DAC L1
DAC R1
DAC L2
DAC R2
DSDATA3
(IN)
DAC L3
DAC R3
DAC L4
DAC R4
DAC L3
DAC R3
DAC L4
DAC R4
DSDATA2
(OUT)
DAC L1
DAC R1
DAC L2
DAC R2
DSDATA4
(OUT)
DAC L3
DAC R3
DAC L4
DAC R4
32 BITS
DSP
SECOND
AD1928
FIRST
AD1928
MSB
Figure 19. Dual-Line DAC TDM Mode (Applicable to 96 kHz Sample Rate, 16-Channel, Two-AD1928 Daisy Chain, DSDATA3 and DSDATA4 are the Daisy Chain)
DLRCLK
DBCLK
DSDATA1
DAC L1
DAC R1
DAC L2
DAC R2
DSDATA2
DAC L3
DAC R3
DAC L4
DAC R4
32 BITS
MSB
Figure 20. Dual-Line DAC TDM Mode (Applicable to 192 kHz Sample Rate, 8-Channel Mode)
ALRCLK
ABCLK
ASDATA1 (TDM_IN
OF THE SECOND AD1928
IN THE CHAIN)
UNUSED
UNUSED
ADC L1
ADC R1
2 ADC CHANNELS OF FIRST IC IN THE CHAIN
2 ADC CHANNELS OF SECOND IC IN THE CHAIN
ADCTDMOUT (TDM_OUT
OF THE SECOND AD1928
IN THE CHAIN)
UNUSED
UNUSED
ADC L1
ADC R1
UNUSED
UNUSED
ADC L1
ADC R1
32 BITS
MSB
DSP
SECOND
AD1928
FIRST
AD1928
Figure 21. ADC TDM Daisy-Chain Mode (256 fS BCLK, Two-AD1928 Daisy Chain)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com