Electronic Components Datasheet Search
  English  ▼

X  

AD1928YSTZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD1928YSTZ
Description  2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1928YSTZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD1928YSTZ Datasheet HTML 24Page - Analog Devices AD1928YSTZ Datasheet HTML 25Page - Analog Devices AD1928YSTZ Datasheet HTML 26Page - Analog Devices AD1928YSTZ Datasheet HTML 27Page - Analog Devices AD1928YSTZ Datasheet HTML 28Page - Analog Devices AD1928YSTZ Datasheet HTML 29Page - Analog Devices AD1928YSTZ Datasheet HTML 30Page - Analog Devices AD1928YSTZ Datasheet HTML 31Page - Analog Devices AD1928YSTZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD1928
Rev. 0 | Page 30 of 32
APPLICATION CIRCUITS
Typical applications circuits are shown in Figure 29 through
Figure 32. Figure 29 shows a typical ADC input filter circuit.
Recommended loop filters for LR clock and master clock as the
PLL reference are shown in Figure 30. Output filters for the
DAC outputs are shown in Figure 31 and Figure 32 for the
noninverting and inverting cases.
2
1
3
OP275
–
+
6
7
5
OP275
–
+
5.76kΩ
5.76kΩ
237Ω
5.76kΩ
120pF
600Z
AUDIO
INPUT
100pF
5.76kΩ
120pF
4.7µF
+
237Ω
4.7µF
+
100pF
1nF
NPO
1nF
NPO
ADCxN
ADCxP
Figure 29. Typical ADC Input Filter Circuit
39nF
+
2.2nF
LF
LRCLK
AVDD2
3.32kΩ
5.6nF
390pF
LF
MCLK
AVDD2
562Ω
Figure 30. Recommended Loop Filters for LRCLK and MCLK PLL Reference
3
1
2
OP275
+
–
4.75kΩ
4.75kΩ
4.7µF
+
DAC OUT
240pF
NPO
270pF
NPO
3.3nF
NPO
AUDIO
OUTPUT
4.99kΩ
604Ω
4.99kΩ
49.9kΩ
Figure 31. Typical DAC Output Filter Circuit (Single-Ended, Noninverting)
2
1
3
OP275
–
+
3.01kΩ
11kΩ
4.7µF
+
DAC
OUT
CM
0.1µF
270pF
NPO
68pF
NPO
2.2nF
NPO
AUDIO
OUTPUT
604Ω
49.9kΩ
11kΩ
Figure 32. Typical DAC Output Filter Circuit (Single-Ended, Inverting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com