Electronic Components Datasheet Search
  English  ▼

X  

AD1928YSTZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD1928YSTZ
Description  2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1928YSTZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD1928YSTZ Datasheet HTML 24Page - Analog Devices AD1928YSTZ Datasheet HTML 25Page - Analog Devices AD1928YSTZ Datasheet HTML 26Page - Analog Devices AD1928YSTZ Datasheet HTML 27Page - Analog Devices AD1928YSTZ Datasheet HTML 28Page - Analog Devices AD1928YSTZ Datasheet HTML 29Page - Analog Devices AD1928YSTZ Datasheet HTML 30Page - Analog Devices AD1928YSTZ Datasheet HTML 31Page - Analog Devices AD1928YSTZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD1928
Rev. 0 | Page 28 of 32
Table 25. ADC Control 2 Register
Bit
Value
Function
Description
0
0
50/50 (allows 32, 24, 20, 16 bit clocks (BCLKs) per
channel
LRCLK format
1
Pulse (32 BCLKs per channel)
1
0
Drive out on falling edge (DEF)
BCLK polarity
1
Drive out on rising edge
2
0
Left low
LRCLK polarity
1
Left high
3
0
Slave
LRCLK master/slave
1
Master
5:4
00
64
BCLKs per frame
01
128
10
256
11
512
6
0
Slave
BCLK master/slave
1
Master
7
0
ABCLK pin
BCLK source
1
Internally generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com