Electronic Components Datasheet Search
  English  ▼

X  

AD1928YSTZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD1928YSTZ
Description  2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1928YSTZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD1928YSTZ Datasheet HTML 19Page - Analog Devices AD1928YSTZ Datasheet HTML 20Page - Analog Devices AD1928YSTZ Datasheet HTML 21Page - Analog Devices AD1928YSTZ Datasheet HTML 22Page - Analog Devices AD1928YSTZ Datasheet HTML 23Page - Analog Devices AD1928YSTZ Datasheet HTML 24Page - Analog Devices AD1928YSTZ Datasheet HTML 25Page - Analog Devices AD1928YSTZ Datasheet HTML 26Page - Analog Devices AD1928YSTZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AD1928
Rev. 0 | Page 23 of 32
Table 13. Pin Function Changes in TDM-AUX Mode (Replication of Table 12)
Mnemonic
Stereo Modes
TDM Modes
AUX Modes
ADCTDMOUT
NC
ADC TDM Data Output
TDM Data Output
ASDATA1
ADC1 Data Output
ADC TDM Data Input
AUX Data Output 1 (to External DAC 1)
DSDATA1
DAC1 Data Input
DAC TDM Data Input
TDM Data Input
DSDATA2
DAC2 Data Input
DAC TDM Data Output
AUX Data Input 1 (from External ADC 1)
DSDATA3
DAC3 Data Input
DAC TDM Data Input 2 (Dual-Line Mode)
AUX Data Input 2 (from External ADC 2)
DSDATA4
DAC4 Data Input
DAC TDM Data Output 2 (Dual-Line Mode)
AUX Data Output 2 (to External. DAC 2)
ALRCLK
ADC LRCLK Input/Output
ADC TDM Frame Sync Input/Output
TDM Frame Sync Input/Output
ABCLK
ADC BCLK Input/Output
ADC TDM BCLK Input/Output
TDM BCLK Input/Output
DLRCLK
DAC LRCLK Input/Output
DAC TDM Frame Sync Input/Output
AUX LRCLK Input/Output
DBCLK
DAC BCLK Input/Output
DAC TDM BCLK Input/Output
AUX BCLK Input/Output
AUX
ADC 1
LRCLK
BCLK
DATA
MCLK
AUX
ADC 2
LRCLK
BCLK
DATA
MCLK
AUX
DAC 1
AUX
DAC 2
LRCLK
BCLK
DATA
MCLK
LRCLK
BCLK
DATA
MCLK
30MHz
12.288MHz
SHARC IS RUNNING IN SLAVE MODE
(INTERRUPT-DRIVEN)
SHARC
AD1928
TDM MASTER
AUX MASTER
ASDATA1
DSDATA4
DBCLK
DLRCLK
DSDATA2
DSDATA3
MCLKI/XI
ADCTDMOUT ALRCLK ABCLK DSDATA1
Figure 26. Example of AUX Mode Connection to SHARC® (AD1928 as TDM Master/AUX Master Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com