Electronic Components Datasheet Search
  English  ▼

X  

AD8231 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8231
Description  Zero Drift, Digitally Programmable Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8231 Datasheet HTML 5Page - Analog Devices AD8231 Datasheet HTML 6Page - Analog Devices AD8231 Datasheet HTML 7Page - Analog Devices AD8231 Datasheet HTML 8Page - Analog Devices AD8231 Datasheet HTML 9Page - Analog Devices AD8231 Datasheet HTML 10Page - Analog Devices AD8231 Datasheet HTML 11Page - Analog Devices AD8231 Datasheet HTML 12Page - Analog Devices AD8231 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8231
Rev. 0 | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
INSTRUMENTATION AMPLIFIER PERFORMANCE CURVES
6
0V, 4.96V
0V, 2.96V
0V, 0.04V
2.92V, 1.5V
4.92V, 2.5V
5V SINGLE SUPPLY
3V SINGLE SUPPLY
5
4
3
2
1
0
06
5
4
3
2
1
OUTPUT VOLTAGE (V)
Figure 3. Input Common-Mode Range vs. Output Voltage, VREF = 0 V
6
5
4
3
2
1
0
05.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
OUTPUT VOLTAGE (V)
5V SINGLE SUPPLY
3V SINGLE SUPPLY
0.02V, 2.22V
0.02V, 0.78V
1.5V, 4.96V
0.02V, 4.22V
4.98V, 3.22V
4.98V, 1.78V
1.5V, 2.96V
2.98V, 2.22V
2.98V, 0.78V
1.5V, 0.04V
.0
Figure 4. Input Common-Mode Range vs. Output Voltage, VREF = 1.5 V
6
5
4
3
2
1
0
05
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
OUTPUT VOLTAGE (V)
5V SINGLE SUPPLY
3V SINGLE
SUPPLY
0.02V, 1.72V
2.5V, 4.96V
0.02V, 3.72V
4.98V, 3.72V
4.98V,1.28V
2.5V, 2.96V
2.98V, 2.72V
2.98V, 0.28V
2.5V, 0.04V
0.02V, 1.28V
Figure 5. Input Common-Mode Range vs. Output Voltage, VREF = 2.5 V
50
40
30
20
10
0
–10
–20
–30
–40
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
G = +128
G = +64
G = +32
G = +16
G = +8
G = +4
G = +2
G = +1
Figure 6. Gain vs. Frequency
140
120
100
80
60
40
10
100
1k
10k
100k
FREQUENCY (Hz)
G = +1
G = +8
G = +128
Figure 7. CMRR vs. Frequency
G = +1, 1µV/DIV
G = +128, 0.4µV/DIV
1s/DIV
Figure 8. 0.1 Hz to 10 Hz Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com