Electronic Components Datasheet Search
  English  ▼

X  

AD8231 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8231
Description  Zero Drift, Digitally Programmable Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8231 Datasheet HTML 10Page - Analog Devices AD8231 Datasheet HTML 11Page - Analog Devices AD8231 Datasheet HTML 12Page - Analog Devices AD8231 Datasheet HTML 13Page - Analog Devices AD8231 Datasheet HTML 14Page - Analog Devices AD8231 Datasheet HTML 15Page - Analog Devices AD8231 Datasheet HTML 16Page - Analog Devices AD8231 Datasheet HTML 17Page - Analog Devices AD8231 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8231
Rev. 0 | Page 14 of 20
THEORY OF OPERATION
–INB
OUTB
+INB
OUTA
–INA
+INA
REF
–VS
+VS
CS
A0
A1
A2
SDN
AD8231
A1
A3
A4
14kΩ
14kΩ
14kΩ
14kΩ
A2
Figure 30. Simplified Schematic
AMPLIFIER ARCHITECTURE
The AD8231 is based on the classic 3-op amp topology. This
topology has two stages: a preamplifier to provide amplification,
followed by a difference amplifier to remove the common-mode
voltage. Figure 30 shows a simplified schematic of the AD8231.
The preamp stage is composed of Amplifier A1, Amplifier A2,
and a digitally controlled resistor network. The second stage is a
gain of 1 difference amplifier composed of A3 and four 14 kΩ
resistors. Amplifier A1, Amplifier A2, and Amplifier A3 are all
zero drift, rail-to-rail input, rail-to rail-output amplifiers.
The AD8231 design makes it extremely robust over tempera-
ture. The AD8231 uses an internal thin film resistor to set the
gain. Since all of the resistors are on the same die, gain
temperature drift performance and CMRR drift performance
are better than can be achieved with topologies using external
resistors. The AD8231 also uses an auto-zero topology to null
the offsets of all its internal amplifiers. Since this topology
continually corrects for any offset errors, offset temperature
drift is nearly nonexistent.
The AD8231 also includes a free operational amplifier. Like
the other amplifiers in the AD8231, it is a zero drift, rail-to-rail
input, rail-to-rail output architecture.
GAIN SELECTION
The AD8231’s gain is set by voltages applied to the A0, A1,
and A2 pins. To change the gain, the CS pin must be driven
low. When the CS pin is driven high, the gain is latched, and
voltages at the A0 to A2 pins have no effect. Table 7 shows the
different gain settings.
The time required for a gain change is dominated by the settling
time of the amplifier. The AD8231 takes about 200 ns to switch
gains, after which the amplifier begins to settle. Refer to Figure 16
through Figure 20 to determine the settling time for different
gains.
Table 7. Truth Table for AD8231 Gain Settings
CS
A2
A1
A0
Gain
Low
Low
Low
Low
1
Low
Low
Low
High
2
Low
Low
High
Low
4
Low
Low
High
High
8
Low
High
Low
Low
16
Low
High
Low
High
32
Low
High
High
Low
64
Low
High
High
High
128
High
X
X
X
No change
REFERENCE TERMINAL
The output voltage of the AD8231 is developed with respect to
the potential on the reference terminal. This is useful when the
output signal needs to be offset to a midsupply level. For
example, a voltage source can be tied to the REF pin to level-
shift the output so that the AD8231 can drive a single-supply
ADC. The REF pin is protected with ESD diodes and should
not exceed either +VS or −VS by more than 0.3 V.
For best performance, source impedance to the REF terminal
should be kept below 1 Ω. As shown in Figure 30, the reference
terminal, REF, is at one end of a 14 kΩ resistor. Additional
impedance at the REF terminal adds to this 14 kΩ resistor
and results in amplification of the signal connected to the
positive input, causing a CMRR error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com