Electronic Components Datasheet Search
  English  ▼

X  

AD8231 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8231
Description  Zero Drift, Digitally Programmable Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8231 Datasheet HTML 12Page - Analog Devices AD8231 Datasheet HTML 13Page - Analog Devices AD8231 Datasheet HTML 14Page - Analog Devices AD8231 Datasheet HTML 15Page - Analog Devices AD8231 Datasheet HTML 16Page - Analog Devices AD8231 Datasheet HTML 17Page - Analog Devices AD8231 Datasheet HTML 18Page - Analog Devices AD8231 Datasheet HTML 19Page - Analog Devices AD8231 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD8231
Rev. 0 | Page 17 of 20
APPLICATIONS INFORMATION
DIFFERENTIAL OUTPUT
Figure 34 shows how to create a differential output in-amp
using the AD8231 uncommitted op amp. Errors from the op
amp are common to both outputs and are thus common-mode.
Errors from mismatched resistors also create a common-mode
dc offset. Because these errors are common-mode, they will
likely be rejected by the next device in the signal chain.
+IN
–IN
IN-AMP
VREF
4.99kΩ
+
–
OP AMP
+OUT
–OUT
4.99kΩ
REF
9
10
76
8
3
2
Figure 34. Differential Output Using Op Amp
MULTIPLEXING
SDN0
SDN1
SDN2
SDN3
Figure 35.
The outputs of both the AD8231 in-amp and op amp are high
impedance in the shutdown state. This feature allows several
AD8231s to be multiplexed together without any external
switches. Figure 35 shows an example of such a configuration.
All the outputs are connected together and only one amplifier is
turned on at a time. This feature is analogous to the high Z
mode of digital tristate logic. Because the output impedance in
shutdown is multiple megaohms, several thousand AD8231s
can theoretically be multiplexed in such a way.
The AD8231 can enter and leave shutdown mode very quickly.
However, when the amplifier wakes up and reconnects its input
circuitry, the voltage at its internal input nodes changes dramati-
cally. It will take time for the output of the amplifier to settle.
Refer to Figure 16 through Figure 20 to determine the settling
time for different gains. This settling time limits how quickly
the user can multiplex the AD8231 with the SDN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com