Electronic Components Datasheet Search
  English  ▼

X  

AD8231 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8231
Description  Zero Drift, Digitally Programmable Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8231 Datasheet HTML 6Page - Analog Devices AD8231 Datasheet HTML 7Page - Analog Devices AD8231 Datasheet HTML 8Page - Analog Devices AD8231 Datasheet HTML 9Page - Analog Devices AD8231 Datasheet HTML 10Page - Analog Devices AD8231 Datasheet HTML 11Page - Analog Devices AD8231 Datasheet HTML 12Page - Analog Devices AD8231 Datasheet HTML 13Page - Analog Devices AD8231 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8231
Rev. 0 | Page 10 of 20
100
80
60
40
20
90
70
50
30
10
0
1
10
100
1k
FREQUENCY (Hz)
G = +1
G = +8
G = +128
Figure 9. Voltage Noise Spectral Density vs. Frequency, 5 V, 1 Hz to 1000 Hz
1000
900
800
700
600
500
400
300
200
100
0
1
10
100
1k
10k
100k
FREQUENCY (Hz)
G = +1
G = +8
G = +128
Figure 10. Voltage Noise Spectral Density vs. Frequency, 5V, 1 Hz to 1 MHz
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
VCM (V)
+VS = +2.5V
–VS = –2.5V
VREF = 0V
Figure 11. Bias Current vs. Common-Mode Voltage, 5 V
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
–1.5
1.5
1.2
0.9
0.6
0.3
0
–0.3
–0.6
–0.9
–1.2
VCM (V)
+VS = +1.5V
–VS = –1.5V
VREF = 0V
Figure 12. Bias Current vs. Common-Mode Voltage, 3 V
5µs/DIV
20mV/DIV
Figure 13. Small Signal Pulse Response, G = 1, RL = 2 kΩ, CL = 500 pF
NO
LOAD
300pF
500pF
800pF
4µs/DIV
20mV/DIV
Figure 14. Small Signal Pulse Response for Various Capacitive Loads, G = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com