Electronic Components Datasheet Search
  English  ▼

X  

AD9868 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9868
Description  Broadband Modem Mixed-Signal Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9868 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9868 Datasheet HTML 14Page - Analog Devices AD9868 Datasheet HTML 15Page - Analog Devices AD9868 Datasheet HTML 16Page - Analog Devices AD9868 Datasheet HTML 17Page - Analog Devices AD9868 Datasheet HTML 18Page - Analog Devices AD9868 Datasheet HTML 19Page - Analog Devices AD9868 Datasheet HTML 20Page - Analog Devices AD9868 Datasheet HTML 21Page - Analog Devices AD9868 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
AD9868
Rev. 0 | Page 18 of 36
The Rx[5:0] port operates in the following manner with the SPI
register default settings:
1.
Two consecutive nibbles of the Rx data are multiplexed
together to form a 10-bit data-word in twos complement
format.
2.
The Rx data is valid on the rising edge of RXCLK, as
illustrated in the timing diagram shown in Figure 13.
3.
The RXSYNC signal is used to indicate which word belongs
to which nibble. While RXSYNC is low, the first nibble of
every word is transmitted as the most significant nibble.
The second nibble of that same word is transmitted on the
following RXSYNC high level as the least significant nibble.
RXCLK
RXSYNC
Rx[5:0]
Rx0LSB
Rx1MSB
Rx1LSB
Rx2MSB
Rx3LSB
Rx3MSB
tDV
tDH
Figure 13. Full-Duplex Rx Port Timing
To add flexibility to the full-duplex digital interface port, several
programming options are available in the SPI registers. These
options are listed in Table 14. The timing for the Tx[5:0] and/or
Rx[5:0] ports can be independently changed by selecting either
the rising or falling clock edge as the sampling/validating edge
of the clock. Inverting RXCLK (via Bit 1 of Register 0x05) affects
both the Rx and Tx interface because they both use RXCLK.
Table 14. SPI Registers for Full-Duplex Interface
Address (Hex)
Bit
Description
0x05
2
OSCIN to RXCLK.
1
Invert RXCLK.
0
Disable RXCLK.
0x0B
2
Rx gain on Tx port.
0x0C
4
Invert TXSYNC.
3
Tx 5/5 nibble.
2
LS nibble first.
1
TXCLK negative edge.
0
Twos complement.
0x0D
5
Rx port three-state.
4
Invert RXSYNC.
3
Rx 5/5 nibble.
2
LS nibble first.
1
RXCLK negative edge.
0
Twos complement.
0x0E
7
Low digital drive strength.
The default Tx and Rx data input formats are twos complement,
but can be changed to straight binary. The default TXSYNC and
RXSYNC settings can be changed such that the first nibble of the
word appears while either TXSYNC, RXSYNC, or both are high.
In addition, the least significant nibble can be selected as the
first nibble of the word (least significant nibble first). The output
driver strength can also be reduced for lower data rate applications.
For the AD9868, the most significant nibble defaults to 6 bits,
and the least significant nibble defaults to 4 bits. This can be
changed so that the least significant nibble and most significant
nibble have 5 bits each. To accomplish this, set the 5/5 nibble bit
(Bit 3 in Register 0x0C and Bit 3 in Register 0x0D), and use the
Tx[5:1] and Rx[5:1] data pins.
Figure 14 shows a possible digital interface between an ASIC
and the AD9868. The AD9868 serves as the master generating
the required clocks for the ASIC. This interface requires that the
ASIC reserve 16 pins for the interface, assuming a 6-bit nibble
width and the use of the Tx port for RxPGA gain control. Note
that the ASIC pin allocation can be reduced by 3 if a 5-bit nibble
width is used and the gain (or gain strobe) of the RxPGA is
controlled via the SPI port.
TO
Tx DIGITAL
FILTER
10/12
AD9868/AD9869
FROM
RxADC
10/12
RXSYNC
TXSYNC
TX_SYNC
RXCLK
CLKOUT1
CLKOUT2
CLKIN
DIGITAL ASIC
OSCIN
FROM
CRYSTAL
OR MASTER CLK
GAIN
OPTIONAL
Tx DATA[5:0]
Rx DATA[5:0]
Rx[5:0]
RX_SYNC
Tx[5:0]
6
TO
RxPGA
Figure 14. Example of a Full-Duplex Digital Interface
with Optional RxPGA Gain Control via Tx[5:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com