Electronic Components Datasheet Search
  English  ▼

X  

AD9868 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9868
Description  Broadband Modem Mixed-Signal Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9868 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9868 Datasheet HTML 20Page - Analog Devices AD9868 Datasheet HTML 21Page - Analog Devices AD9868 Datasheet HTML 22Page - Analog Devices AD9868 Datasheet HTML 23Page - Analog Devices AD9868 Datasheet HTML 24Page - Analog Devices AD9868 Datasheet HTML 25Page - Analog Devices AD9868 Datasheet HTML 26Page - Analog Devices AD9868 Datasheet HTML 27Page - Analog Devices AD9868 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
AD9868
Rev. 0 | Page 24 of 36
RECEIVE PATH
The receive signal path for the AD9868 (or its related part, the
AD9869) consists of a 3-stage RxPGA, a 3-pole programmable
LPF, and a 10-bit (or 12-bit) ADC (see Figure 24). Note that the
additional two bits of resolution offered by the AD9869 result in
a 3 dB to 5 dB lower noise floor, depending on the RxPGA gain
setting and LPF cutoff frequency. Also working in conjunction with
the receive path is an offset correction circuit. These blocks are
discussed in detail in the following sections. Note that the power
consumption of the RxPGA can be modified via Register 0x13
as discussed in the Power Control and Dissipation section.
0TO 6dB
Δ = 1dB
–6 TO 18dB
Δ = 6dB
–6 TO 24dB
Δ = 6dB
XTAL
RX–
4
6
10/12
REGISTER
CONTROL
CLK
SYNC.
ADC
80MSPS
CLKOUT1
CLKOUT2
OSCIN
RX+
2M CLK
MULTIPLIER
2-POLE
LPF
1-POLE
LPF
SPI
PORT
PGA[5:0]
PORT
RXCLK
RXEN/SYNC
ADIO[9:4]/
Tx[5:0]
ADIO[3:0]/
Rx[5:2]
GAIN
MAPPING
LUT
SPGA
AD9868
Figure 24. Functional Block Diagram of Rx Path
Rx PROGRAMMABLE GAIN AMPLIFIER
The RxPGA has a digitally programmable gain range from
−12 dB to +48 dB with 1 dB resolution via a 6-bit word. Its
purpose is to extend the dynamic range of the Rx path such that
the input of the ADC is presented with a signal that scales
within its fixed 2 V input span. There are multiple ways of
setting the RxPGA gain as discussed in the RXPGA Control
section, as well as an alternative 3-bit gain mapping having a
range of −12 dB to +36 dB with a +8 dB resolution.
The RxPGA is comprised of two sections: a continuous time
PGA (CPGA) for course gain and a switched capacitor PGA
(SPGA) for fine gain resolution. The CPGA consists of two
cascaded gain stages providing a gain range of −12 dB to +42 dB
with a 6 dB resolution. The first stage features a low noise
preamplifier (<3.0 nV/√Hz), thereby eliminating the need for
an external preamplifier. The SPGA provides a gain range of
0 dB to 6 dB with a 1 dB resolution. A look-up table (LUT) is
used to select the appropriate gain setting for each stage.
The nominal differential input impedance of the RxPGA input
appearing at the device RX+ and RX− input pins is 400 Ω||4 pF
(±20%) and remains relatively independent of gain setting.
The PGA input is self-biased at a 1.3 V common-mode level, allow-
ing maximum input voltage swings of ±1.5 V at RX+ and RX−.
AC-coupling the input signal to this stage via 0.1 μF coupling
capacitors is recommended to ensure that any external dc offset
does not become amplified with high RxPGA gain settings,
potentially exceeding the ADC input range.
To limit the RxPGA self-induced input offset, an offset cancella-
tion loop is included. This cancellation loop is automatically
performed upon power-up and can also be initiated via the SPI.
During calibration, the RxPGA first stage is internally shorted,
and each gain stage set to a high gain setting. A digital servo
loop slaves a calibration DAC, which forces the Rx input offset
to be within ±32 LSBs for this particular high gain setting.
Although the offset varies for other gain settings, the offset is
typically limited to ±5% of the ADC 2 V input span. Note that
the offset cancellation circuitry is intended to reduce the voltage
offset attributed to only the RxPGA input stage, not to any dc
offsets attributed to an external source.
The gain of the RxPGA should be set to minimize clipping of
the ADC while utilizing most of its dynamic range. The maximum
peak-to-peak differential voltage that does not result in ADC
clipping is shown in Figure 25. Although the graph suggests that
the maximum input signal for a gain setting of −12 dB is 8.0 V p-p,
the maximum input voltage into the PGA should be limited to
less than 6 V p-p to prevent turning on ESD protection diodes.
For applications having higher maximum input signals, consider
adding an external resistive attenuator network. While the input
sensitivity of the Rx path is degraded by the amount of attenuation
on a dB-to-dB basis, the low noise characteristics of the RxPGA
provide some design margin such that the external line noise
remains the dominant source.
GAIN (dB)
–12
–6
0
6
12
18
24
30
36
42
48
8.0000
4.0000
2.0000
1.0000
0.5000
0.2500
0.1250
0.0625
0.0312
0.0156
0.0100
Figure 25. Maximum Peak-to-Peak Input vs. RxPGA Gain Setting that
Does Not Result in ADC Clipping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com