Electronic Components Datasheet Search
  English  ▼

X  

AD9868 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9868
Description  Broadband Modem Mixed-Signal Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9868 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9868 Datasheet HTML 18Page - Analog Devices AD9868 Datasheet HTML 19Page - Analog Devices AD9868 Datasheet HTML 20Page - Analog Devices AD9868 Datasheet HTML 21Page - Analog Devices AD9868 Datasheet HTML 22Page - Analog Devices AD9868 Datasheet HTML 23Page - Analog Devices AD9868 Datasheet HTML 24Page - Analog Devices AD9868 Datasheet HTML 25Page - Analog Devices AD9868 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
AD9868
Rev. 0 | Page 22 of 36
TxDAC AND IAMP ARCHITECTURE
The Tx path contains a TxDAC with a current amplifier, IAMP.
The TxDAC reconstructs the output of the interpolation filter
and sources a differential current output that can be directed to
an external load or fed into the IAMP for further amplification.
The TxDAC and IAMP peak current outputs are digitally
programmable over a 0 dB to −7.5 dB and 0 dB to −19.5 dB
range, respectively, in 0.5 dB increments. Note that this assumes
default register settings for Register 0x10 and Register 0x11.
Applications demanding the highest spectral performance
and/or lowest power consumption can use the TxDAC output
directly. The TxDAC is capable of delivering a peak signal
power-up to 10 dBm while maintaining respectable linearity
performance. For power-sensitive applications requiring the
highest Tx power efficiency, the TxDAC full-scale current
output can be reduced to as low as 2 mA, and its load resistors
sized to provide a suitable voltage swing that can be amplified
by a low power, op amp-based driver.
Most applications requiring higher peak signal powers (up to
17 dBm) should use the IAMP. The IAMP can be configured
as a current source for loads having a well-defined impedance
(50 Ω or 75 Ω systems).
Figure 21 shows the equivalent schematic of the TxDAC and
IAMP. The TxDAC provides a differential current output
appearing at IOUTP+ and IOUTP−. The TxDAC can also be
modeled as a differential current source generating a signal-
dependent ac current, when ΔIS has a peak current of I along
with two dc current sources, sourcing a standing current equal
to I. The full-scale output current, IOUTP_FS, is equal to the
sum of these standing current sources (IOUTP_FS = 2 × I).
±ΔIS
I
I
TxDAC
REFADJ
REFIO
IOUTP+
IOUTP–
I + ΔI
I – ΔI
IOFF1
RSET 0.1µF
IOFF1
xN
xN
IAMP
Figure 21. Equivalent Schematic of TxDAC and IAMP
The value of I is determined by the RSET value at the REFADJ
pin along with the Tx path’s digital attenuation setting. With
0 dB attenuation, the value of I is
I = 16 × (1.23/RSET)
(1)
For example, an RSET value of 1.96 kΩ results in I equal to 10.0 mA
with IOUTP_FS equal to 20.0 mA. Note that the REFIO pin
provides a nominal band gap reference voltage of 1.23 V and
should be decoupled to analog ground via a 0.1 μF capacitor.
The differential current output of the TxDAC is always
connected to the IOUTP pins, but it can be directed to the
IAMP by clearing Bit 0 of Register 0x0E. As a result, the
IOUTP pins must remain completely open if the IAMP is to
be used. The IAMP consists of programmable current mirrors
providing a gain factor of N that is programmable from 0 to 4 in
steps of 1 (via Bits[2:0] of Register 0x10 with a default setting of
N = 4). Bit 7 of this register must be set to overwrite the default
settings of this register. The maximum peak current per output
is 100 mA and occurs when the TxDAC standing current, I, is
set for 12.5 mA (IOUTP_FS = 25 mA).
Because the current mirrors consist of NMOS devices, they sink
current. Therefore, each output pin requires a dc current path to
a positive supply. The voltage output of each output pin is
allowed to swing between 0.5 V and 3.9 V. Lastly, both the
standing current, I, and the ac current, ΔIS, from the TxDAC are
amplified by the gain factor (N) with the total standing current
drawn from the positive supply being equal to
2 × (N) × I
(2)
Programmable current sources, IOFF1 via Register 0x12, can be
used to improve the linearity performance under certain
conditions by increasing their signal-to-standing current ratios.
This feature provides a marginal improvement in distortion
performance under large signal conditions when the peak ac
current of the reconstructed waveform frequently approaches
the dc standing current within the TxDAC (0 dBFS to −1 dBFS
sine wave) causing the internal mirrors to turn off. However, the
improvement in distortion performance diminishes as the crest
factor (peak-to-rms ratio) of the ac signal increases. Most
applications can disable these current sources (set to 0 mA via
Register 0x12) to reduce the IAMP current consumption.
Table 18. SPI Registers for TxDAC and IAMP
Address (Hex)
Bit
Description
0x0E
0
TxDAC output.
0x10
7
Enable current mirror gain settings.
2:0
Primary path NMOS gain of 0 to 4
with ∆ = 1.
0x12
2:0
IOFF1 standing current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com